Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

370ENC Datasheet(PDF) 3 Page - Emerson Network Power

No. de pieza 370ENC
Descripción Electrónicos  Rosemount™ 370XA Enclosure for Natural Gas Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMERSON-NETWORKPOWER [Emerson Network Power]
Página de inicio  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

370ENC Datasheet(HTML) 3 Page - Emerson Network Power

  370ENC Datasheet HTML 1Page - Emerson Network Power 370ENC Datasheet HTML 2Page - Emerson Network Power 370ENC Datasheet HTML 3Page - Emerson Network Power 370ENC Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Emerson.com/RosemountGasAnalysis
February 2018
Rosemount 370XA Enclosure
Specifications
Please consult Rosemount if your requirements are outside the specifications listed. Improved performance, alternate products and
material offerings may be available depending on the application.
Dimensions
Construction
Environmental Temperature:
-4 °F to +140 °F (-20 °C to +60 °C)
Protection Rating:
External Junction Box: NEMA 4X
Area Safety Certification Options:
GEN: No Hazardous Rating, C1D1 components
CSA: CSA and CSAus Class I, Division 1
Optional Heater:
Electric, 120 VAC or 230 VAC, 300 W, T3
Total Weight (Excludes Calibration Gas Cylinder)
300 lbs (136 Kg)
Material:
Enclosure: Hot-pressed glass fiber reinforced polyester
Frame: Polyester-epoxy coated, 12 gauge
low-carbon steel
Dimensions:
Enclosure: 24'' H x 52'' W x 24'' D
(609 mm H x 1320.8 mm W x 609 mm D)
Overall (with lid open): 84'' H x 58'' W x 35'' D
(2142 mm H x 1479 mm x 889 mm D)
Mounting: Frame
Left View
Front (Door Opened)
Right View



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com