Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

370ENC Datasheet(PDF) 2 Page - Emerson Network Power

No. de pieza 370ENC
Descripción Electrónicos  Rosemount™ 370XA Enclosure for Natural Gas Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMERSON-NETWORKPOWER [Emerson Network Power]
Página de inicio  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

370ENC Datasheet(HTML) 2 Page - Emerson Network Power

  370ENC Datasheet HTML 1Page - Emerson Network Power 370ENC Datasheet HTML 2Page - Emerson Network Power 370ENC Datasheet HTML 3Page - Emerson Network Power 370ENC Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Emerson.com/RosemountGasAnalysis
February 2018
Rosemount 370XA Enclosure
Part Number Ordering Matrix
Your part number is determined by your specific needs. Choose options below
370ENC – XXX – XX –XX – XXX – XXX – X
Mounting Option
F – Frame
Bottle Racks
NON – None
CAR – Rack for 2 x Carrier gas cylinder
Calibration Gas Option
INT – Mounting for internal LP5 Calibration gas cylinder
EXT – Bulkhead connection for external Calibration gas cylinder
No. of Streams (SCS needs to be ordered separately)
1G - 1 Stream Plate
2G - 2 Stream Plate
3G - 3 Stream Plate
Heater Option
E1 – Electric heater, 120 VAC, T3 Class
E2 – Electric heater, 230 VAC, T3 Class
N1 – No heater
Approval
CSA – CSA and CSAus, Class I, Division 1
GEN – No Hazardous Area rating on cabinet, Constructed with C1D1 components
*GC needs to be ordered as Wall Mount. Sample conditioning system for the Rosemount 370XA GC must also be ordered.
Optional Accessories
Sample Probe Regulator
2-4-5000-610 (4'') - Genie® Probe Regulator with HSNG/GAG/RLF, ¾'' NPT, 4''
2-4-5000-617 (7'') - Genie® Probe Regulator with HSNG/GAG/RLF, ¾'' NPT, 7''
2-3-5000-702 - Genie® Drive Probe with HSNG/GAG/RLF, ¾'' NPT, Adjustable Length
Carrier Gas & Calibration Gas Accessories
2-3-5000-050 - Carrier Manifold (Allows for cylinder replacement without GC interruption)
2-4-9500-078 - Regulator, for Carrier cylinder, with CGA 580 fittings, Dual Stage for High Purity gases
2-4-9500-077 - Regulator, for Calibration Gas, CGA-510 fittings (Natural Gas)
2-9-0020-945 - C6+ Calibration gas in LP5 cylinder
2-9-9020-779 - Calibration Heater Blanket, 50 W, Class I, Div.1, Groups C, D (15 x 42)
2-9-0000-994 - Bottle rack (Holds two Carrier cylinders)
7A00013G03 - Rack for 2 x Carrier cylinders and 1x 5-gallon Calibration gas bottle



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com