Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FMP2011 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

No. de pieza FMP2011
Descripción Electrónicos  Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Página de inicio  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FMP2011 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  FMP2011 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Plastic-Encapsulate MOSFETS
DESCRIPTION
FEATURES
 Advanced trench MOSFET process technology
 Ultra low on-resistance with low gate charge
APPLICATIONS
 PWM application
 Load switch
 Battery charge in cellular handset
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
20
VDSS
-
Gate-Source Voltage
VGS
±
12
V
Drain Current-Continuous
ID
-1
1
Drain Current-Pulsed (note 1)
IDM
-
44
A
Power Dissipation
(note 4 )
4
PD
W
Thermal Resistance from Junction to Ambient
(note 4 )
RθJA
31
Operation Junction and Storage Temperature Range
TJ,TSTG
-55 ~+150
℃
1. DRAIN
2. DRAIN
3. GATE
4. SOURCE
5. DRAIN
6. DRAIN
Equivalent Circuit
FMP2011
P-Channel Power MOSFET
The FMP2011 uses advanced trench technology to provide excellent R
low gate charge and operation with low gate voltage.
This device is suitable for use as a load switching application and a wide variety of other applications.
DS(on) ,
V(BR)DSS
RDS(on)
TYP
ID
-20 V
15mΩ@-4.5V
-11A
22mΩ@-2.5V
DFNWB2×2-6L-J


Número de pieza similar - FMP2011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YAGEO Corporation
FMP200 YAGEO-FMP200 Datasheet
122Kb / 2P
High Power Flame-Proof type
FMP200 YAGEO-FMP200 Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
FMP200FBE-26 YAGEO-FMP200FBE-26 Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
FMP200FBE-52 YAGEO-FMP200FBE-52 Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
FMP200FBE-52E YAGEO-FMP200FBE-52E Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
More results

Descripción similar - FMP2011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
Plastic-Encapsulate MOSFETS
logo
DONGGUAN YOU FENG WEI E...
2N7002KV YFWDIODE-2N7002KV Datasheet
1Mb / 4P
Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com