Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FMP2011 Datasheet(PDF) 3 Page - Goodwork Semiconductor Co., Ltd .

No. de pieza FMP2011
Descripción Electrónicos  Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Página de inicio  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FMP2011 Datasheet(HTML) 3 Page - Goodwork Semiconductor Co., Ltd .

  FMP2011 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . FMP2011 Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-0.0
-0.4
-0.8
-1.2
-0.1
-1
-10
-0
-1
-2
-3
-4
-5
-0
-4
-8
-12
-16
-20
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
0
10
20
30
40
-0
-2
-4
-6
-8
-10
0
20
40
60
-0
-1
-2
-3
-4
-0
-4
-8
-12
-16
-20
25
50
75
100
125
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
T
J=100
℃
Pulsed
T
J=125
℃
V
SD
I
S
——
T
J=25
℃
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=-1.8V
V
GS
=-2V
V
GS
=-3V,-4V,-5V
V
GS
=-1.5V
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
T
J=25
℃
Pulsed
V
GS
=-2.5V
V
GS
=-4.5V
T
J=25
℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
T
J=125
℃
Pulsed
T
J=100
℃
T
J=25
℃
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
——
R
DS(ON)
I
D
=-6A
V
DS
=-3V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
J=100℃,125
℃
T
J=25
℃
I
D
=-250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
j
(
)
℃
Typical Characteristics
FMP2011
P-Channel Power MOSFET



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com