| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC515849 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC515849 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 142 page ![]() Device User Guide — 9S12DT128DGV2/D V02.15 23 Freescale Semiconductor – Port S[3:2] PS3:2 must be configured as outputs or their pull resistors must be enabled to avoid floating inputs. – PAD[15:8] (ATD1 channels) Out of reset the ATD1 is disabled preventing current flows in the pins. Do not modify the ATD1 registers! Document References The Device User Guide provides information about the MC9S12DT128 device made up of standard HCS12 blocks and the HCS12 processor core. This document is part of the customer documentation. A complete set of device manuals also includes all the individual Block User Guides of the implemented modules. In a effort to reduce redundancy all module specific information is located only in the respective Block User Guide. If applicable, special implementation details of the module are given in the block description sections of this document. See Table 0-3 for names and versions of the referenced documents throughout the Device User Guide. Table 0-3 Document References User Guide Version Document Order Number HCS12 CPU Reference Manual V02 S12CPUV2/D HCS12 Module Mapping Control (MMC) Block Guide V04 S12MMCV4/D HCS12 Multiplexed External Bus Interface (MEBI) Block Guide V03 S12MEBIV3/D HCS12 Interrupt (INT) Block Guide V01 S12INTV1/D HCS12 Background Debug Module (BDM) Block Guide V04 S12BDMV4/D HCS12 Breakpoint (BKP) Block Guide V01 S12BKPV1/D Clock and Reset Generator (CRG) Block User Guide V04 S12CRGV4/D Oscillator (OSC) Block User Guide V02 S12OSCV2/D Enhanced Capture Timer 16 Bit 8 Channel (ECT_16B8C) Block User Guide V01 S12ECT16B8CV1/D Analog to Digital Converter 10 Bit 8 Channel (ATD_10B8C) Block User Guide V02 S12ATD10B8CV2/D Inter IC Bus (IIC) Block User Guide V02 S12IICV2/D Asynchronous Serial Interface (SCI) Block User Guide V02 S12SCIV2/D Serial Peripheral Interface (SPI) Block User Guide V02 S12SPIV2/D Pulse Width Modulator 8 Bit 8 Channel (PWM_8B8C) Block User Guide V01 S12PWM8B8CV1/D 128K Byte Flash (FTS128K) Block User Guide V02 S12FTS128KV2/D 2K Byte EEPROM (EETS2K) Block User Guide V01 S12EETS2KV1/D Byte Level Data Link Controller -J1850 (BDLC) Block User Guide V01 S12BDLCV1/D Motorola Scalable CAN (MSCAN) Block User Guide V02 S12MSCANV2/D Voltage Regulator (VREG) Block User Guide V01 S12VREGV1/D Port Integration Module (PIM_9DTB128) Block User Guide V02 S12DTB128PIMV2/D Byteflight (BF) Block User Guide V01 S12BFV1/D |