Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 28Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 29Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 30Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 31Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 32Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 33Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 34Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 35Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
32
Freescale Semiconductor
1.5.1 Detailed Register Map
$0000 - $000F
MEBI map 1 of 3 (HCS12 Multiplexed External Bus Interface)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0000
PORTA
Read:
Bit 7
6
5
4
3
2
1
Bit 0
Write:
$0001
PORTB
Read:
Bit 7
6
5
4
3
2
1
Bit 0
Write:
$0002
DDRA
Read:
Bit 7
6
5
4
3
2
1
Bit 0
Write:
$0003
DDRB
Read:
Bit 7
6
5
4
3
2
1
Bit 0
Write:
$0004
Reserved
Read:
0
0
0
0
0
0
0
0
Write:
$0005
Reserved
Read:
0
0
0
0
0
0
0
0
Write:
$0006
Reserved
Read:
0
0
0
0
0
0
0
0
Write:
$0007
Reserved
Read:
0
0
0
0
0
0
0
0
Write:
$0008
PORTE
Read:
Bit 7
6
5
4
3
2
Bit 1
Bit 0
Write:
$0009
DDRE
Read:
Bit 7
6
5
4
3
Bit 2
0
0
Write:
$000A
PEAR
Read:
NOACCE
0
PIPOE
NECLK
LSTRE
RDWE
0
0
Write:
$000B
MODE
Read:
MODC
MODB
MODA
0
IVIS
0
EMK
EME
Write:
$000C
PUCR
Read:
PUPKE
0
0
PUPEE
0
0
PUPBE
PUPAE
Write:
$000D
RDRIV
Read:
RDPK
0
0
RDPE
0
0
RDPB
RDPA
Write:
$000E
EBICTL
Read:
0
0
0
0
0
0
0
ESTR
Write:
$000F
Reserved
Read:
0
0
0
0
0
0
0
0
Write:
$0010 - $0014
MMC map 1 of 4 (HCS12 Module Mapping Control)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0010
INITRM
Read:
RAM15
RAM14
RAM13
RAM12
RAM11
0
0
RAMHAL
Write:
$0011
INITRG
Read:
0
REG14
REG13
REG12
REG11
0
0
0
Write:
$0012
INITEE
Read:
EE15
EE14
EE13
EE12
EE11
0
0
EEON
Write:
$0013
MISC
Read:
0
0
0
0
EXSTR1 EXSTR0 ROMHM
ROMON
Write:
$0014
Reserved
Read:
0
0
0
0
0
0
0
0
Write:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com