Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 110Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 111Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 112Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 113Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 114Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 115Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 116Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 117Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
114
Freescale Semiconductor
Table A-12 NVM Reliability Characteristics1
NOTES:
1. TJavg will not exeed 85°C considering a typical temperature profile over the lifetime of a consumer, industrial or automotive
application.
Conditions are shown in (Table A-4) unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
Flash Reliability Characteristics
1
C
Data retention after 10,000 program/erase cycles at an
average junction temperature of TJavg ≤ 85°C
tFLRET
15
1002
2. Typical data retention values are based on intrinsic capability of the technology measured at high temperature and de-rated
to 25
°C using the Arrhenius equation. For additional information on how Freescale defines Typical Data Retention, please
refer to Engineering Bulletin EB618.
—
Years
2
C
Data retention with <100 program/erase cycles at an
average junction temperature TJavg ≤ 85°C
20
1002
—
3
C
Number of program/erase cycles
(–40
°C
≤ T
J ≤ 0°C)
nFL
10,000
—
—
Cycles
4
C
Number of program/erase cycles
(0
°C
≤ T
J ≤ 140°C)
10,000
100,0003
3. Spec table quotes typical endurance evaluated at 25
°C for this product family, typical endurance at various temperature
can be estimated using the graph below. For additional information on how Freescale defines Typical Endurance, please
refer to Engineering Bulletin EB619.
—
EEPROM Reliability Characteristics
5
C
Data retention after up to 100,000 program/erase cycles
at an average junction temperature of TJavg ≤ 85°C
tEEPRET
15
1002
—
Years
6
C
Data retention with <100 program/erase cycles at an
average junction temperature TJavg ≤ 85°C
20
1002
—
7
C
Number of program/erase cycles
(–40
°C
≤ T
J ≤ 0°C)
nEEP
10,000
—
—
Cycles
8
C
Number of program/erase cycles
(0
°C < T
J ≤ 140°C)
100,000
300,0003
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com