Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XPL Datasheet(PDF) 43 Page - Cree LED

No. de pieza XPL
Descripción Electrónicos  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREELED [Cree LED]
Página de inicio  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 43 Page - Cree LED

Back Button XPL Datasheet HTML 35Page - Cree LED XPL Datasheet HTML 36Page - Cree LED XPL Datasheet HTML 37Page - Cree LED XPL Datasheet HTML 38Page - Cree LED XPL Datasheet HTML 39Page - Cree LED XPL Datasheet HTML 40Page - Cree LED XPL Datasheet HTML 41Page - Cree LED XPL Datasheet HTML 42Page - Cree LED XPL Datasheet HTML 43Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
Note
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
43
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 10 for
order codes of XLamp XP-L High Intensity LEDs that could serve as alternatives for the order codes set forth below.
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
E6
3500 K
U5
360
XPLAWT-H0-0000-000LU50E6
U4
340
XPLAWT-H0-0000-000LU40E6
XPLAWT-H0-0000-000HU40E6
U3
320
XPLAWT-H0-0000-000LU30E6
XPLAWT-H0-0000-000HU30E6
F7
3250 K
U4
340
XPLAWT-H0-0000-000LU40F7
XPLAWT-H0-0000-000HU40F7
U3
320
XPLAWT-H0-0000-000LU30F7
XPLAWT-H0-0000-000HU30F7
U2
300
XPLAWT-H0-0000-000LU20F7
XPLAWT-H0-0000-000HU20F7
E7
3000 K
U4
340
XPLAWT-H0-0000-000LU40E7
XPLAWT-H0-0000-000HU40E7
U3
320
XPLAWT-H0-0000-000LU30E7
XPLAWT-H0-0000-000HU30E7
U2
300
XPLAWT-H0-0000-000LU20E7
XPLAWT-H0-0000-000HU20E7
T6
280
XPLAWT-H0-0000-000PT60E7
T5
260
XPLAWT-H0-0000-000PT50E7
XPLAWT-H0-0000-000UT50E7
T4
240
XPLAWT-H0-0000-000PT40E7
XPLAWT-H0-0000-000UT40E7
F8
2850 K
U4
340
XPLAWT-H0-0000-000LU40F8
U3
320
XPLAWT-H0-0000-000LU30F8
XPLAWT-H0-0000-000HU30F8
U2
300
XPLAWT-H0-0000-000LU20F8
XPLAWT-H0-0000-000HU20F8
T6
280
XPLAWT-H0-0000-000PT60F8
T5
260
XPLAWT-H0-0000-000PT50F8
T4
240
XPLAWT-H0-0000-000PT40F8
XPLAWT-H0-0000-000UT40F8
T3
220
XPLAWT-H0-0000-000PT30F8
E8
2700 K
U4
340
XPLAWT-H0-0000-000LU40E8
U3
320
XPLAWT-H0-0000-000LU30E8
XPLAWT-H0-0000-000HU30E8
U2
300
XPLAWT-H0-0000-000LU20E8
XPLAWT-H0-0000-000HU20E8
T6
280
XPLAWT-H0-0000-000PT60E8
T5
260
XPLAWT-H0-0000-000PT50E8
T4
240
XPLAWT-H0-0000-000PT40E8
XPLAWT-H0-0000-000UT40E8
T3
220
XPLAWT-H0-0000-000PT30E8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com