Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XPL Datasheet(PDF) 5 Page - Cree LED

No. de pieza XPL
Descripción Electrónicos  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREELED [Cree LED]
Página de inicio  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 5 Page - Cree LED

  XPL Datasheet HTML 1Page - Cree LED XPL Datasheet HTML 2Page - Cree LED XPL Datasheet HTML 3Page - Cree LED XPL Datasheet HTML 4Page - Cree LED XPL Datasheet HTML 5Page - Cree LED XPL Datasheet HTML 6Page - Cree LED XPL Datasheet HTML 7Page - Cree LED XPL Datasheet HTML 8Page - Cree LED XPL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
•
XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
5
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
Z5
4000 K
V6
480
535
XPLAWT-00-0000-000BV60Z5
V5
460
513
XPLAWT-00-0000-000BV50Z5
XPLAWT-00-0000-000LV50Z5
XPLAWT-00-0000-000HV50Z5
V4
440
491
XPLAWT-00-0000-000BV40Z5
XPLAWT-00-0000-000LV40Z5
XPLAWT-00-0000-000HV40Z5
V3
420
468
XPLAWT-00-0000-000LV30Z5
XPLAWT-00-0000-000HV30Z5
V2
400
446
XPLAWT-00-0000-000LV20Z5
F6
3700 K
V4
440
491
XPLAWT-00-0000-000LV40F6
XPLAWT-00-0000-000HV40F6
V3
420
468
XPLAWT-00-0000-000LV30F6
XPLAWT-00-0000-000HV30F6
V2
400
446
XPLAWT-00-0000-000LV20F6
ORDER CODES SUGGESTED FOR NEW DESIGNS - XP-L HIGH DENSITY (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com