Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XPL Datasheet(PDF) 25 Page - Cree LED

No. de pieza XPL
Descripción Electrónicos  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREELED [Cree LED]
Página de inicio  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL Datasheet(HTML) 25 Page - Cree LED

Back Button XPL Datasheet HTML 21Page - Cree LED XPL Datasheet HTML 22Page - Cree LED XPL Datasheet HTML 23Page - Cree LED XPL Datasheet HTML 24Page - Cree LED XPL Datasheet HTML 25Page - Cree LED XPL Datasheet HTML 26Page - Cree LED XPL Datasheet HTML 27Page - Cree LED XPL Datasheet HTML 28Page - Cree LED XPL Datasheet HTML 29Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
25
REFLOW SOLDERING CHARACTERISTICS
In testing, Cree LED has found XLamp XP-L LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed below. As a
general guideline, Cree LED recommends that users follow the recommended soldering profile provided by the manufacturer of the solder
paste used, and therefore it is the lamp or luminaire manufacturer’s responsibility to determine applicable soldering requirements.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
Lead-Free Solder
Average Ramp-Up Rate (Ts
max to Tp)
1.2 °C/second
Preheat: Temperature Min (Ts
min)
120 °C
Preheat: Temperature Max (Ts
max)
170 °C
Preheat: Time (ts
min to tsmax)
65-150 seconds
Time Maintained Above: Temperature (T
L)
217 °C
Time Maintained Above: Time (t
L)
45-90 seconds
Peak/Classification Temperature (Tp)
235 - 245 °C
Time Within 5 °C of Actual Peak Temperature (tp)
20-40 seconds
Ramp-Down Rate
1 - 6 °C/second
Time 25 °C to Peak Temperature
4 minutes max.
Note: All temperatures refer to the topside of the package, measured on the package body surface.
IPC/JEDEC J-STD-020C
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
L
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com