Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SVT4607SA Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

No. de pieza SVT4607SA
Descripción Electrónicos  30V NP CHANNEL MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILAN [Silan Microelectronics Joint-stock]
Página de inicio  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT4607SA Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SVT4607SA Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 9Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 10Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 11Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 12Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 13Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 14Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Silan
Microelectronics
SVT4607SA_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.0
http: //www.silan.com.cn
Page 13 of 14
PACKAGE OUTLINE
SOP-8-225-1.27
UNIT: mm
L
0.25
b
e
D
A2
A
A1
E
E1
c
A
1.35
1.55
1.75
A1
0.05
0.25
A2
1.25
1.65
b
0.32
0.42
0.52
c
0.15
0.20
0.26
D
4.70
4.90
5.30
E
5.60
6.00
6.40
E1
3.60
3.90
4.20
e
1.27BSC
0.15
L
0.30
__
1.27
MAX
NOM
MIN
MILLIMETER
SYMBOL
__
Important notice:
1.
The instructions are subject to change without notice!
2.
Customers should obtain the latest relevant information before placing orders and should verify that such information is
complete and current. Please read the instructions carefully before using our products, including the circuit operation
precautions.
3.
Our products are consumer electronic products or the other civil electronic products.
4.
When using our products, please do not exceed the maximum rating of the products, otherwise the reliability of the whole
machine will be affected. There is a certain possibility of failure or malfunction of any semiconductor product under specific
conditions. The buyer is responsible for complying with safety standards and taking safety measures when using our products
for system design, sample and whole machine manufacturing, so as to avoid potential failure risk that may cause personal
injury or property loss.
5.
It is strongly recommended to identify the trademark when buying our products. Please contact us if there is any question.
6.
Product promotion is endless, our company will wholeheartedly provide customers with better products!
7.
Website: http: //www.silan.com.cn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com