Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M37549RLSS Datasheet(PDF) 45 Page - Renesas Technology Corp

No. de pieza M37549RLSS
Descripción Electrónicos  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37549RLSS Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M37549RLSS Datasheet HTML 41Page - Renesas Technology Corp M37549RLSS Datasheet HTML 42Page - Renesas Technology Corp M37549RLSS Datasheet HTML 43Page - Renesas Technology Corp M37549RLSS Datasheet HTML 44Page - Renesas Technology Corp M37549RLSS Datasheet HTML 45Page - Renesas Technology Corp M37549RLSS Datasheet HTML 46Page - Renesas Technology Corp M37549RLSS Datasheet HTML 47Page - Renesas Technology Corp M37549RLSS Datasheet HTML 48Page - Renesas Technology Corp M37549RLSS Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
Rev.2.00
Mar 15, 2007
Page 45 of 70
REJ03B0210-0200
7548 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Oscillation Control
• Clock mode register
Clock mode register contains the oscillation control bits of each
oscillation circuits, clock selection bits and etc
• Clock selection bits
φSOURCE can be selected by the clock selection bits (bits 5 and
4 in clock mode register).
φSOURCE can be selected from low-
speed on-chip oscillator, high-speed on-chip oscillator, XIN/XCIN
oscillation or external clock input by the clock selection bits.
φSOURCE is also used to the clock for peripheral functions.
When the oscillation method selection bits (bits 1 and 0 in
FSROM1) is set to “002” (oscillation pins not used), setting the
clock selection bits to “102” (XIN/XCIN oscillation, external
clock input) is disabled.
• Clock division ratio selection bit
The internal clock
φ is generated by dividing φSOURCE.
Select the division ratio using the clock division ration selection
bits (bits 7 and 6 in CLKM).
The division ratio can be selected from among
φSOURCE/8
(low-speed mode), /4 (middle-speed mode), /2 (high-speed
mode), and no division (double-speed mode).
Table 9 shows the division ratio (mode) settings.
When releasing reset, the low-speed on-chip oscillator is selected
as
φSOURCE, and φSOURCE/8 is selected as the internal clock.
The high-speed on-chip oscillator is stopped at this time. If an
oscillation circuit is connected to the clock pin, oscillation starts.
To switch
φSOURCE to XIN/XCIN oscillation, generate wait time
using the on-chip oscillator until the oscillation is stabilized.
−: can be “0” or “1”, no change in outcome
Table 9
Setting the clock division (mode)
φSOURCE
CLKM
FSROM1
FSROM2
Clock division
ratio selection
bits
Clock
selection bits
XIN/XCIN
oscillation
control bit
High-speed on-chip
oscillator oscillation
control bit
Low-speed on-chip
oscillatoroscillation
control bit
Oscillation
method
selection bits
Low-speed on-
chip oscillator
control bit
Bit 7, 6
Bit 5, 4
Bit 2
Bit 1
Bit 0
Bit 1, 0
Bit 4
XIN
Double-speed
11
10
0
−−
01
−
High-speed
10
10
0
−−
01
−
Middle-speed
01
10
0
−−
01
−
Low-speed
00
10
0
−−
01
−
XCIN
Double-speed
11
10
0
−−
10
−
High-speed
10
10
0
−−
10
−
Middle-speed
01
10
0
−−
10
−
Low-speed
00
10
0
−−
10
−
External
clock
Double-speed
11
10
−−
−
11
−
High-speed
10
10
−−
−
11
−
Middle-speed
01
10
−−
−
11
−
Low-speed
00
10
−−
−
11
−
High-speed
on-chip
oscillator
Double-speed
11
01
−
0
−−
−
High-speed
10
01
−
0
−−
−
Middle-speed
01
01
−
0
−−
−
Low-speed
00
01
−
0
−−
−
Low-speed
on-chip
oscillator
Double-speed
11
00
−−
0
−
1/0
High-speed
10
00
−−
0
−
1/0
Middle-speed
01
00
−−
0
−
1/0
Low-speed
00
00
−−
0
−
1/0
bit
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com