Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M37549RLSS Datasheet(PDF) 58 Page - Renesas Technology Corp

No. de pieza M37549RLSS
Descripción Electrónicos  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37549RLSS Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M37549RLSS Datasheet HTML 54Page - Renesas Technology Corp M37549RLSS Datasheet HTML 55Page - Renesas Technology Corp M37549RLSS Datasheet HTML 56Page - Renesas Technology Corp M37549RLSS Datasheet HTML 57Page - Renesas Technology Corp M37549RLSS Datasheet HTML 58Page - Renesas Technology Corp M37549RLSS Datasheet HTML 59Page - Renesas Technology Corp M37549RLSS Datasheet HTML 60Page - Renesas Technology Corp M37549RLSS Datasheet HTML 61Page - Renesas Technology Corp M37549RLSS Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
Rev.2.00
Mar 15, 2007
Page 58 of 70
REJ03B0210-0200
7548 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
NOTES ON USE
Note on Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and
may perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the supply voltage is less than the
recommended operating conditions and design a system not to
cause errors to the system by this unstable operation.
Product shipped in blank
As for the product shipped in blank, Renesas does not perform
the writing test to user ROM area after the assembly process
though the QzROM writing test is performed enough before the
assembly process. Therefore, a writing error of approx.0.1 %
may occur.
Moreover, please note the contact of cables and foreign bodies
on a socket, etc. because a writing environment may cause some
writing errors.
Overvoltage
Take care not to apply the voltage above the Vcc pin voltage to
other pins. Make sure that the voltage of the CNVSS pin (VPP
power input pin for QzROM) does not change as shown in the
bold-lined periods (Figure 80) when powering on and off. If the
voltage changes as shown, the QzROM contents may be
rewritten.
Fig 80. Timing Diagram (bold-lined periods are applicable)
NOTES ON QzROM
Notes On QzROM Writing Orders
When ordering the QzROM product shipped after writing,
submit the mask file (extension: .mask) which is made by the
mask file converter MM.
Be sure to set the ROM option (“MASK option” written in the
mask file converter) setup when making the mask file by using
the mask file converter MM.
Notes On ROM Code Protect
(QzROM product shipped after writing)
As for the QzROM product shipped after writing, the ROM code
protect is specified according to the ROM option setup data in
the mask file which is submitted at ordering.
Renesas Technology corp. write the value of the ROM option
setup data in the ROM code protect address (address FFDB16)
when writing to the QzROM. As a result, in the contents of the
ROM code protect address the ordered value may differ from the
actual written value.
The ROM option setup data in the mask file is “0016” for protect
enabled or “FF16” for protect disabled. Therefore, the contents of
the ROM code protect address (other than the user ROM area) of
the QzROM product shipped after writing is “0016” or “FF16”.
Note that the mask file which has nothing at the ROM option
data or has the data other than “0016” and “FF16” can not be
accepted.
DATA REQUIRED FOR QzROM WRITING ORDERS
The following are necessary when ordering a QzROM product
shipped after writing:
1. QzROM Writing Confirmation Form*
2. Mark Specification Form*
3. ROM data .......... Mask file
* For the QzROM writing confirmation form and the mark
specification form, refer to the “Renesas Technology Corp.”
Homepage (http://www.renesas.com/homepage.jsp).
Note that we cannot deal with special font marking (customer's
trademark etc.) in QzROM microcomputer.
VCC pin voltage
CNVSS pin voltage
1.8 V
1.8 V
(1) The input voltage to other MCU pins rises before the VCC pin
voltage rises.
(2) The input voltage to other MCU pins falls before the VCC pin
voltage falls.
Note: If VCC falls below the minimum value 1.8 V (shaded areas),
the internal circuit becomes unstable. Take additional care
to prevent overvoltage.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com