Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M37549RLSS Datasheet(PDF) 49 Page - Renesas Technology Corp

No. de pieza M37549RLSS
Descripción Electrónicos  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37549RLSS Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37549RLSS Datasheet HTML 45Page - Renesas Technology Corp M37549RLSS Datasheet HTML 46Page - Renesas Technology Corp M37549RLSS Datasheet HTML 47Page - Renesas Technology Corp M37549RLSS Datasheet HTML 48Page - Renesas Technology Corp M37549RLSS Datasheet HTML 49Page - Renesas Technology Corp M37549RLSS Datasheet HTML 50Page - Renesas Technology Corp M37549RLSS Datasheet HTML 51Page - Renesas Technology Corp M37549RLSS Datasheet HTML 52Page - Renesas Technology Corp M37549RLSS Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
Rev.2.00
Mar 15, 2007
Page 49 of 70
REJ03B0210-0200
7548 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
• Oscillation stop detection circuit
The oscillation stop detection circuit is used for reset occurrence
when a ceramic resonator or RC oscillation circuit stops by
disconnection. To use this circuit, set an on-chip oscillator to be
in active.
The oscillation stop detection circuit is in active to set “1” to the
XIN oscillation stop detection function active bit.
When the oscillation stop detection circuit is enabled, the
operation status of the XIN oscillator circuit is monitored using
the low-speed on-chip oscillator, and if oscillation stop is
detected the oscillation stop detection status bit is set to 1. If
additionally the oscillation stop detection reset enable bit is set to
“1”, an internal reset is triggered when the oscillator stops
operating.
The oscillation stop detection status bit is not initialized by an
oscillation stop detection reset and retains its value of 1. Since
the oscillation stop detection status bit is initialized to “0” by an
external reset, it is possible to determine if a reset was due to
oscillation stop detection by checking the oscillation stop
detection status bit.
The XIN oscillation and external clock input are set as the clocks
to detect the oscillation stop.
Refer to the electrical characteristics for the frequencies to detect
the oscillation stop.
• Notes on Oscillation Stop Detection Circuit
(1) Do not execute the transition to “state 2'a” shown in Figure
66 because in this “state 2'a”, MCU is stopped without reset
even when XIN oscillation is stopped.
(2) XIN oscillation stop detection function active bit is not
cleared by the oscillation stop detection reset. Accordingly,
the oscillation stop detection circuit is in active when system
is released from internal reset cause of oscillation stop
detection.
(3) Oscillation stop detection status bit is initialized by the
following operation.
• External reset, power-on reset, low voltage detection reset,
watchdog timer reset, and reset by STP instruction function
• Write “0” data to the XIN oscillation stop detection
function active bit.
(4) The oscillation stop detection circuit is not included in the
emulator MCU “M37549RLSS”.
Fig 65. Structure of oscillation stop detection register
Fig 66. State transition of oscillation stop detection circuit
XIN oscillation stop detection function active bit
0: Detection function inactive
1: Detection function active
Oscillation stop detection reset enable bit
0: Oscillation stop detection reset disabled
1: Oscillation stop detection reset enabled
Oscillation stop detection status bit
0: Oscillation stop not detected
1: Oscillation stop detected
Not used (“0” at reading)
b7
Oscillation stop detection register
(CLKSTP: address 003816, initial value: 0016)
b0
Notes on switch of clock
(1) Executing the state transition after stabilizing XIN oscillation.
(2) MCU cannot be returned by on-chip oscillator and its operation is stopped since internal reset does not
occur at oscillation stop detected in state 2'a. Accordingly, do not execute the transition to state 2'a.
(3) STP instruction cannot be used when oscillation stop detection circuit is in active.
(4) The same applies when the high-speed on-chip oscillator is set as
φSOURCE. Make sure that the low-speed
on-chip oscillator should also oscillate. When a reset occurs, the high-speed on-chip oscillator stops.
Reset state 1
Oscillation stop detection reset disabled
When oscillation stop is detected;
CLKSTP2 is set to “1”.
Internal RESET does not occur.
= 02
= 12
CLKSTP0 = 02
(CLKSTP2 is set to “0”.)
CLKSTP 0 = 12
(Note 1)
Oscillation stop is detected
(internal reset)
Reset state 2
External reset (RESET=“L”)
⋅ Power-on reset
⋅ Low voltage detection reset
⋅ Watchdog timer reset
⋅ Reset by STP instruction function
Return from oscillation stop detection reset
CLKSTP2 is set to “1”.
So, return from oscillation stop reset can be
confirmed.
CLKSTP1= 02
CLKSTP1 = 02
(CLKSTP2 is
set to “0”.)
CLKM54 = 102
CLKM54 = 002
(Note 1)
Prohibitive state
MCU stops when oscillation stops
occurs.
State 3'a
State 2'b
State 3'b
State 3'c
Oscillation stop detection reset enabled
When oscillation stop is detected;
CLKSTP2 is set to “1”.
Internal RESET occurs.
Oscillation stop detection reset enabled
When oscillation stop is detected;
CLKSTP2 is set to “1”.
Internal RESET occurs.
Reset
released
CLKM54 = 102
CLKM54 = 002
(Note 1)
CLKM54=102
CLKM54=002
(Note 1)
State 3 XIN oscillation
: enabled
Low-speed on-chip oscillator : enabled
State 3'
XIN oscillation
: enabled
Low-speed on-chip oscillator : enabled
XIN
: enabled
High-speed on-chip oscillator : stop
Low-speed on-chip oscillator : enabled
CLKSTP1
CLKSTP1
CLKSTP1 = 12
State 2'
CLKSTP1= 12
XIN
: enabled
High-speed on-chip oscillator: stop
Low-speed on-chip oscillator : enabled
Reset
released
XIN oscillation
: enabled
Low-speed on-chip oscillator : enabled
XIN oscillation
: enabled
Low-speed on-chip oscillator : enabled
State 2
(Note 2)
(Note 2)
(Note 2)
φSOURCE: XIN
φSOURCE: Low-speed on-chip oscillator (Note 4)
Oscillation stop detection
circuit is in active. (Note 3)
State 2'a (Note 2)
Oscillation stop detection reset disabled
When oscillation stop is detected;
CLKSTP2 is set to "1".
Internal RESET does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com