Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P4C164-8LSCLF Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

No. de pieza P4C164-8LSCLF
Descripción Electrónicos  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PYRAMID [Pyramid Semiconductor Corporation]
Página de inicio  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164-8LSCLF Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C164-8LSCLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
P4C164
Page 4 of 16
Document # SRAM115 REV F
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Notes:
5.
WE is HIGH for READ cycle.
6.
CE
1 is LOW, CE2 is HIGH and OE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with
CE
1 transition
LOW and CE
2 transition HIGH.
8. Transition is measured ± 200 mV from steady state voltage prior to
change, with loading as specified in Figure 1. This parameter is
sampled and not 100% tested.
TIMING WAVEFORM OF READ CYCLE NO. 1 (
OE
OE
OE
OE
OE CONTROLLED)(5)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tRC
Read Cycle
Time
8
1012152025
35
4570
100
ns
tAA
Address
Access Time
8
10
12
152025354570
100
ns
tAC
Chip Enable
Access Time
8
10
12
152025354570
100
ns
tOH
Output Hold
from Address
Change
333333333
3
ns
tLZ
Chip Enable to
Output in Low Z
222222222
2
ns
tHZ
Chip Disable
to Output in
High Z
5678
8
10
15
20
35
45
ns
tOE
Output Enable
Low to Data
Valid
5679
10
13
18
20
35
45
ns
tOLZ
Output Enable
Low to Low Z
222222222
2
ns
tOHZ
Output Enable
High to High Z
5679
9
12
15
20
35
45
ns
tPU
Chip Enable to
Power Up
Time
000000000
0
ns
tPD
Chip Disable
to Power Down
Time
8
10
12
15202020253545
ns
Symbol
Parameter
-8
-10
-12
-15
-20
-25
Unit
-35
-45
-70
-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com