Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P4C164-8LSCLF Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

No. de pieza P4C164-8LSCLF
Descripción Electrónicos  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PYRAMID [Pyramid Semiconductor Corporation]
Página de inicio  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164-8LSCLF Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C164-8LSCLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
P4C164
Page 5 of 16
Document # SRAM115 REV F
TIMINIG WAVERFORM OF READ CYCLE NO. 2 (ADDRESS CONTROLLED)(5,6)
TIMING WAVEFORM OF READ CYCLE NO. 3 (
CE
CE
CE
CE
CE
1, CE2 CONTROLLED)
(5,7,10)
Notes:
9. READ Cycle Time is measured from the last valid address to the first
transitioning address.
10. Transitions caused by a chip enable control have similar delays
irrespective of whether
CE
1 or CE2 causes them.
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tWC
Write Cycle Time
8
10
1215
2025
354570
100
ns
tCW
Chip Enable
Time to End of
Write
6
7
8
12
15
18
25
33
50
70
ns
tAW
Address Valid to
End of Write
7
8
10
12
15
18
25
33
50
70
ns
tAS
Address Set-up
Time
000
00
00
00
0
ns
tWP
Write Pulse
Width
7
8
9
12
15
18
20
25
40
50
ns
tAH
Address Hold
Time
000
00
00
00
0
ns
tDW
Data Valid to
End of Write
6
7
8
9
1113
15203040
ns
tDH
Date Hold Time
000
00
00
00
0
ns
tWZ
Write Enable to
Output in High Z
67
77
8
10
14
18
30
40
ns
tOW
Output Active
from End of
Write
333
33
33
33
3
ns
Symbol
Parameter
-8
-10
-12
-15
-20
-25
Unit
-35
-45
-70
-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com