Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P4C164-8LSCLF Datasheet(PDF) 12 Page - Pyramid Semiconductor Corporation

No. de pieza P4C164-8LSCLF
Descripción Electrónicos  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PYRAMID [Pyramid Semiconductor Corporation]
Página de inicio  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164-8LSCLF Datasheet(HTML) 12 Page - Pyramid Semiconductor Corporation

Back Button P4C164-8LSCLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 13Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 14Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 15Page - Pyramid Semiconductor Corporation P4C164-8LSCLF Datasheet HTML 16Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
P4C164
Page 12 of 16
Document # SRAM115 REV F
Pkg #
# Pins
Symbol
Min
Max
A
0.120
0.148
A1
0.078
-
b
0.014
0.020
C
0.007
0.011
D
0.700
0.730
e
E
E1
0.292
0.300
E2
Q0.025
-
J5
28 (300 mil)
0.050 BSC
0.267 BSC
0.335 BSC
SOJ SMALL OUTLINE IC PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.090
b
0.015
0.022
c
0.004
0.009
D-
0.730
E
0.330
0.380
e
k
0.005
0.018
L
0.250
0.370
Q
0.026
0.045
S-
0.085
S1
0.005
-
F4
28
0.050 BSC
CERPACK CERAMIC FLAT PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com