Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3DPX8112ZLDEX Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza PI3DPX8112ZLDEX
Descripción Electrónicos  3.3V 13.5Gbps DisplayPort 2.0 (UHBR13.5) 1-to-2 Active Mux Linear ReDriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX8112ZLDEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3DPX8112ZLDEX Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
PI3DPX8112
3.3V 13.5Gbps DisplayPort 2.0 (UHBR13.5) 1-to-2 Active Mux Linear ReDriver
Applications
Features
Description
Î
Î
Mobile Workstation
Î
Î
Gaming Notebook
Î
Î
Docking, KVM and PC Peripherals
Î
Î
Display Monitors
Î
Î
Industrial Computing
Î
Î
Embedded System
Ordering Information
Part Number
Package Code
Description
PI3DPX8112ZLDEX
ZLD
40-Pin, 3 x 6mm (TQFN)
x4
DP
AUXP
AUXN
DisplayPort
Source
DP
x4 DP
DP
DP
x4 DP
x4 DP
AUXP_A, AUXN_A
AUXP_B, AUXN_B
DisplayPort Sink A
DisplayPort Sink B
PI3DPX8112
PI5C3257
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/
EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, “Green” and
Lead-free.
3. Halogen- and Antimony-free “Green” products are defined as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
System Application
b
P
Lead-free Green
Rev 2
June 2021
Î
Î
1-to-2 Active DeMux configuration for 4-lane DisplayPort
operation
Î
Î
Data rate support up to 13.5Gbps to cover 13.5Gbps DP2.0
(UHBR13.5) and 8.1Gbps DP1.4 speeds
Î
Î
Quad-level pin strap control through combinational logic
table for equalizer gain value selection
Î
Î
Quad-level pin strap control for flat gain and output swing
linearity selection
Î
Î
Input signal detection for automatic power saving mode
Î
Î
Single power supply: 3.3V +/-0.3V
Î
Î
Industrial temperature support: -40oC to +85oC
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
The PI3DPX8112 is a 1-to-2 Active DeMux linear ReDriver for
4-lane DisplayPort link with data rate support up to 13.5Gbps
for DP2.0 (UHBR13.5, UHBR10), DP1.4 (HBR3), DP1.2
(HBR2), DP1.1 (HBR1) and DP1.0 (RBR) standards. The maxi-
mum equalizer gain controls are +15dB (DP2.0@6.75GHz) and
+8.5dB (DP1.4@4.05GHz) to compensate for insertion loss
along the channel connection.
The non-blocking linear ReDriver design ensures that the dif-
ferential signals conveying pre-shoot and de-emphasis equal-
ization waveforms be transmitted from source-side to receiv-
er-side with DFE. It helps to optimize the overall channel link
adjustment conducted by the system transmitter and receiver.
The CTLE equalizers are implemented at the inputs of the
ReDriver to reduce the ISI jitters and compensate for chan-
nel loss. The programmable flat gain and linearity adjustments
support the eye diagram opening.
With the combinational logic control design, users can use a
pin strap method to select different EQ gains, flat gains, and
output swing linearity for flexible design tuning.


Número de pieza similar - PI3DPX8112ZLDEX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
PI3DPX8121 DIODES-PI3DPX8121 Datasheet
667Kb / 1P
3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver
Rev 5 October 2020
PI3DPX8121A DIODES-PI3DPX8121A Datasheet
179Kb / 1P
13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver
Rev 3-2 June 2024
PI3DPX8121AZLEX DIODES-PI3DPX8121AZLEX Datasheet
179Kb / 1P
13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver
Rev 3-2 June 2024
PI3DPX8121ZLDEX DIODES-PI3DPX8121ZLDEX Datasheet
667Kb / 1P
3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver
Rev 5 October 2020
More results

Descripción similar - PI3DPX8112ZLDEX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Texas Instruments
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com