Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM263P2 Datasheet(PDF) 55 Page - Texas Instruments

No. de pieza AM263P2
Descripción Electrónicos  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM263P2 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 51Page - Texas Instruments AM263P2 Datasheet HTML 52Page - Texas Instruments AM263P2 Datasheet HTML 53Page - Texas Instruments AM263P2 Datasheet HTML 54Page - Texas Instruments AM263P2 Datasheet HTML 55Page - Texas Instruments AM263P2 Datasheet HTML 56Page - Texas Instruments AM263P2 Datasheet HTML 57Page - Texas Instruments AM263P2 Datasheet HTML 58Page - Texas Instruments AM263P2 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 164 page
background image
Table 5-24. EPWM2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM2_A
O
EPWM Output A
C2
C2
C2
EPWM2_B
O
EPWM Output B
C1
C1
C1
Table 5-25. EPWM3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM3_A
O
EPWM Output A
E2
E2
E2
EPWM3_B
O
EPWM Output B
E1, E3
E1, E3
E1, E3
Table 5-26. EPWM4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM4_A
O
EPWM Output A
D1
D1
D1
EPWM4_B
O
EPWM Output B
D2, E4
D2, E4
D2, E4
Table 5-27. EPWM5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM5_A
O
EPWM Output A
F2
F2
F2
EPWM5_B
O
EPWM Output B
F1, G2
F1, G2
F1, G2
Table 5-28. EPWM6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM6_A
O
EPWM Output A
E1, E3
E1, E3
E1, E3
EPWM6_B
O
EPWM Output B
F3
F3
F3
Table 5-29. EPWM7 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM7_A
O
EPWM Output A
F4
F4
F4
EPWM7_B
O
EPWM Output B
F1, G4
F1, G4
F1, G4
Table 5-30. EPWM8 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM8_A
O
EPWM Output A
G3
G3
G3
EPWM8_B
O
EPWM Output B
G2, H2
G2, H2
G2, H2
Table 5-31. EPWM9 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM9_A
O
EPWM Output A
G1
G1
G1
EPWM9_B
O
EPWM Output B
H2, J2
H2, J2
H2, J2
Table 5-32. EPWM10 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM10_A
O
EPWM Output A
G4, J4, L3
G4, J4, L3
G4, L3
EPWM10_B
O
EPWM Output B
J3, R3
J3, R3
R3
Table 5-33. EPWM11 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM11_A
O
EPWM Output A
H1
H1
EPWM11_B
O
EPWM Output B
J1, J2
J1, J2
J2
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More