Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM263P2 Datasheet(PDF) 57 Page - Texas Instruments

No. de pieza AM263P2
Descripción Electrónicos  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM263P2 Datasheet(HTML) 57 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 53Page - Texas Instruments AM263P2 Datasheet HTML 54Page - Texas Instruments AM263P2 Datasheet HTML 55Page - Texas Instruments AM263P2 Datasheet HTML 56Page - Texas Instruments AM263P2 Datasheet HTML 57Page - Texas Instruments AM263P2 Datasheet HTML 58Page - Texas Instruments AM263P2 Datasheet HTML 59Page - Texas Instruments AM263P2 Datasheet HTML 60Page - Texas Instruments AM263P2 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 164 page
background image
Table 5-44. EPWM22 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM22_A
O
EPWM Output A
G17
G17
G17
EPWM22_B
O
EPWM Output B
F17, G18
F17, G18
F17, G18
Table 5-45. EPWM23 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM23_A
O
EPWM Output A
F18, G18
F18, G18
F18, G18
EPWM23_B
O
EPWM Output B
E18, G15
E18, G15
E18, G15
Table 5-46. EPWM24 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM24_A
O
EPWM Output A
K15
K15
K15
EPWM24_B
O
EPWM Output B
K16
K16
K16
Table 5-47. EPWM25 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM25_A
O
EPWM Output A
K17
K17
K17
EPWM25_B
O
EPWM Output B
K18
K18
K18
Table 5-48. EPWM26 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM26_A
O
EPWM Output A
J18
J18
J18
EPWM26_B
O
EPWM Output B
J17
J17
J17
Table 5-49. EPWM27 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM27_A
O
EPWM Output A
H18
H18
H18
EPWM27_B
O
EPWM Output B
H17, L16
H17, L16
H17, L16
Table 5-50. EPWM28 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM28_A
O
EPWM Output A
M16
M16
M16
EPWM28_B
O
EPWM Output B
M15
M15
M15
Table 5-51. EPWM29 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM29_A
O
EPWM Output A
G15, H17
G15, H17
G15, H17
EPWM29_B
O
EPWM Output B
H16
H16
H16
Table 5-52. EPWM30 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM30_A
O
EPWM Output A
F15
F15
F15
EPWM30_B
O
EPWM Output B
C18
C18
C18
Table 5-53. EPWM31 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM31_A
O
EPWM Output A
D17
D17
D17
EPWM31_B
O
EPWM Output B
D18
D18
D18
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More