| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM263P2 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 164 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued) ZCZ_C BALL NUMBE R [1] ZCZ_S BALL NUMBE R [1] ZCZ_F BALL NUMBE R [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] P1 GPIO0 OSPI0_CSn0_CFG_REG 0x5310 0000 0x0000 05F7 OSPI0_D0 6 IO On / Off / Off On / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO0 7 IO R3 GPIO1 OSPI0_CSn1_CFG_REG 0x5310 0004 0x0000 05F7 MCAN5_TX 2 O On / Off / Off On / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI4_CS1 4 IO XBAROUT0 5 O UART2_RTSn 6 O GPIO1 7 IO FSIRX2_DATA1 8 I EPWM10_B 10 O N2 GPIO2 OSPI0_CLK_CFG_REG 0x5310 0008 0x0000 05F7 MCAN7_RX 2 I On / Off / Off On / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI7_CS0 4 IO UART3_CTSn 6 I GPIO2 7 IO EPWM12_A 10 O N1 GPIO3 OSPI0_D0_CFG_REG 0x5310 000C 0x0000 05D7 MCAN7_TX 2 O On / Off / Off On / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI7_CLK 4 IO UART1_DCDn 6 I GPIO3 7 IO EPWM12_B 10 O SOP0 Bootstrap N4 GPIO4 OSPI0_D1_CFG_REG 0x5310 0010 0x0000 05D7 SPI7_D0 4 IO On / Off / Off On / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART1_RIn 6 I GPIO4 7 IO EPWM13_A 10 O SOP1 Bootstrap M4 GPIO5 OSPI0_D2_CFG_REG 0x5310 0014 0x0000 05F7 OSPI0_D6 6 IO On / Off / Off On / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO5 7 IO P3 GPIO6 OSPI0_D3_CFG_REG 0x5310 0018 0x0000 05F7 OSPI0_D4 6 IO On / Off / Off On / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO6 7 IO M1 GPIO7 MCAN0_RX_CFG_REG 0x5310 001C 0x0000 05F7 OSPI0_DQS 6 I On / Off / Off On / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO7 7 IO www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |