| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM263P2 Datasheet(PDF) 144 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 144 Page - Texas Instruments |
|
144 / 164 page ![]() 6.11.5.14 Sigma Delta Filter Module (SDFM) For more information, see Sigma Delta Filter Module section in the device TRM. 6.11.5.14.1 SDFM Timing Conditions PARAMETER MODE MIN MAX UNIT INPUT CONDITIONS SRI Input Slew Rate Mode 0 0.5 5 V/ns 6.11.5.14.2 SDFM Switching Characteristics (2) NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT M0-1 tc(SDC) Cycle time, SDx_Cy Mode 0 5P(1) 256P(1) ns M0-2 tw(SDCHL) Pulse duration, SDx_Cy (high/low) Mode 0 2P(1) ns M0-3 tsh(SDDV-SDCH) Setup time, SDx_Dy valid before SDx_Cy high Mode 0 2P(1) ns M0-4 th(SDCH-SDD) Hold time, SDx_Dy wait after SDx_Cy high Mode 0 2P(1) ns (1) P = SYSCLK period in ns. (2) Some SDFM signals are pinmuxed with I2C0 SDA and SCL pins. These pins use an alternate open drain voltage buffer and may not meet the specified parameters. Values are pending additional post-silicon validation. AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 www.ti.com 144 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |