Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT9011-RQPQW Datasheet(PDF) 1 Page - Richtek Technology Corporation

No. de pieza RT9011-RQPQW
Descripción Electrónicos  Portable Power Management 300mA Dual LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-RQPQW Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9011-RQPQW Datasheet HTML 1Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 2Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 3Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9011
Preliminary
1
DS9011-05 August 2007
www.richtek.com
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
General Description
The RT9011 is a dual channel, low noise, and low dropout
regulator sourcing up to 300mA at each channel. The range
of output voltage is from 1.2V to 3.6V by operating from
2.5V to 5.5V input.
RT9011 offers 2% accuracy, extremely low dropout voltage
(240mV @ 300mA), and extremely low ground current,
only 27
μA per LDO. The shutdown current is near zero
current which is suitable for battery-power devices. Other
features include current limiting, over temperature, output
short circuit protection.
RT9011 is short circuit thermal folded back protected.
RT9011 lowers its OTP trip point from 165
°C to 110°C
when output short circuit occurs (VOUT < 0.4V) providing
maximum safety to end users.
RT9011 can operate stably with very small ceramic output
capacitors, reducing required board space and component
cost. RT9011 is available in fixed output voltages in the
TSOT-23-6 and WDFN-8L 2x2 package.
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Pin Configurations
(TOP VIEW)
TSOT-23-6
Portable Power Management 300mA Dual LDO Regulator
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V
Low-Noise for RF Application
No Noise Bypass Capacitor Required
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Low Temperature Coefficient
Dual LDO Outputs (300mA/300mA)
Ultra-low Quiescent Current 27
μμμμμA/LDO
High Output Accuracy 2%
Short Circuit Protection
Thermal Shutdown Protection
Current Limit Protection
Short Circuit Thermal Folded Back Protection
Tiny TSOT-23-6 and 8-Lead WDFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Appliances
4
23
5
6
1
VOUT2 GND EN2
VIN
EN1
VOUT1
WDFN-8L 2x2
Note
: There is no pin1 indicator on top mark for TSOT-23-6
type, and pin 1 will be lower left pin when reading top mark
from left to right.
RT9011-
Package Type
J6 : TSOT-23-6
QW : WDFN-8L 2x2 (W-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage : VOUT1/VOUT2
CM : 1.20V/2.80V, FM : 1.50V/2.80V
GK : 1.80V/2.60V, GS : 1.80V/3.30V
JG : 2.50V/1.80V, JM : 2.50V/2.80V
JP : 2.50V/3.00V, JS : 2.50V/3.30V
JN : 2.50V/2.85V, MG : 2.80V/1.80V
MM : 2.80V/2.80V, NN : 2.85V/2.85V
MS : 2.80V/ 3.30V, PG : 3.00V/1.80V
MP : 2.80V/3.00V, PP : 3.00V/3.00V
SS : 3.30V/3.30V, SQ : 3.30V/3.10V
BM : 1.30V/2.80V
VIN
EN1
VOUT1
VOUT2
NC
EN2
7
6
5
1
2
3
4
8
NC
GND
9


Número de pieza similar - RT9011-RQPQW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT9011-RQPQW RICHTEK-RT9011-RQPQW Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
More results

Descripción similar - RT9011-RQPQW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
High PSRR 300mA Dual LDO Regulator
logo
Richtek Technology Corp...
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
300mA SMALL DUAL LDO REGULATOR
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com