Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT9011-RQPQW Datasheet(PDF) 11 Page - Richtek Technology Corporation

No. de pieza RT9011-RQPQW
Descripción Electrónicos  Portable Power Management 300mA Dual LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-RQPQW Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9011-RQPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 9Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 10Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 11Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT9011
Preliminary
11
DS9011-05 August 2007
www.richtek.com
Outline Dimension
TSOT-23-6 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
1.000
0.028
0.039
A1
0.000
0.100
0.000
0.004
B
1.397
1.803
0.055
0.071
b
0.300
0.559
0.012
0.022
C
2.591
3.000
0.102
0.118
D
2.692
3.099
0.106
0.122
e
0.838
1.041
0.033
0.041
H
0.080
0.254
0.003
0.010
L
0.300
0.610
0.012
0.024
A
A1
e
b
B
D
C
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com