Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT9011-RQPQW Datasheet(PDF) 10 Page - Richtek Technology Corporation

No. de pieza RT9011-RQPQW
Descripción Electrónicos  Portable Power Management 300mA Dual LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-RQPQW Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9011-RQPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 9Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 10Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 11Page - Richtek Technology Corporation RT9011-RQPQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9011
Preliminary
10
DS9011-05 August 2007
www.richtek.com
Figure 3. Derating Curves for RT9011 Packages
For recommended operating conditions specification of
RT9011, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for TSOT-23-6 package
is 220
°C/W and WDFN-8L 2x2 is 165°C/W on the standard
JEDEC 51-3 single-layer thermal test board. The maximum
power dissipation at TA = 25
°C can be calculated by
following formula :
PD(MAX) = ( 125
°C - 25°C ) / 220 = 0.455 W for TSOT-23-6
packages
PD(MAX) = ( 125
°C - 25°C ) / 165 = 0.606 W for
WDFN-8L 2x2 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9011 packages, the Figure 3 of de-
rating curves allows the designer to see the effect of rising
ambient temperature on the maximum power allowed.
Power Dissipation vs. Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100
125
Ambient Temperature (
°C)
WDFN-8L 2x2
TSOT-23-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com