Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD10FSX65L4S Datasheet(PDF) 3 Page - StarPower Europe AG

No. de pieza GD10FSX65L4S
Descripción Electrónicos  650V/10A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD10FSX65L4S Datasheet(HTML) 3 Page - StarPower Europe AG

  GD10FSX65L4S Datasheet HTML 1Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 2Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 3Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 4Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 5Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 6Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 7Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 8Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GD10FSX65L4S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/29/2018
3/9
Preliminary
IGBT-inverter Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=10A,VGE=15V,
Tj=25
oC
1.45
1.90
V
IC=10A,VGE=15V,
Tj=125
oC
1.60
IC=10A,VGE=15V,
Tj=150
oC
1.70
VGE(th)
Gate-Emitter Threshold
Voltage
IC=0.16mA,VCE=VGE,
Tj=25
oC
5.1
5.8
6.5
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
0
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
1.16
nF
Cres
Reverse Transfer
Capacitance
0.02
nF
QG
Gate Charge
VGE=-15…+15V
0.07
μC
td(on)
Turn-On Delay Time
VCC=300V,IC=10A,
RG
=27Ω,V
GE=±15V,
Tj=25
oC
12
ns
tr
Rise Time
9
ns
td(off)
Turn-Off Delay Time
80
ns
tf
Fall Time
68
ns
Eon
Turn-On Switching
Loss
0.14
mJ
Eoff
Turn-Off Switching
Loss
0.19
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=10A,
RG
=27Ω,V
GE=±15V,
Tj=125
oC
12
ns
tr
Rise Time
13
ns
td(off)
Turn-Off Delay Time
96
ns
tf
Fall Time
104
ns
Eon
Turn-On Switching
Loss
0.20
mJ
Eoff
Turn-Off Switching
Loss
0.24
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=10A,
RG
=27Ω,V
GE=±15V,
Tj=150
oC
12
ns
tr
Rise Time
14
ns
td(off)
Turn-Off Delay Time
100
ns
tf
Fall Time
108
ns
Eon
Turn-On Switching
Loss
0.22
mJ
Eoff
Turn-Off Switching
Loss
0.26
mJ
ISC
SC Data
tP
≤6μs,V
GE=15V,
Tj=150
oC,V
CC=360V,
VCEM
≤650V
50
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com