Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD10FSX65L4S Datasheet(PDF) 4 Page - StarPower Europe AG

No. de pieza GD10FSX65L4S
Descripción Electrónicos  650V/10A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD10FSX65L4S Datasheet(HTML) 4 Page - StarPower Europe AG

  GD10FSX65L4S Datasheet HTML 1Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 2Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 3Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 4Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 5Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 6Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 7Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 8Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GD10FSX65L4S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/29/2018
4/9
Preliminary
Diode-inverter Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VF
Diode Forward
Voltage
IC=10A,VGE=0V,Tj=25
oC
1.60
2.05
V
IC=10A,VGE=0V,Tj=125
oC
1.55
IC=10A,VGE=0V,Tj=150
oC
1.50
Qr
Recovered Charge
VR=300V,IF=10A,
-di/dt=1500A/
μs,V
GE=-15V
Tj=25
oC
0.50
μC
IRM
Peak Reverse
Recovery Current
18.0
A
Erec
Reverse Recovery
Energy
0.11
mJ
Qr
Recovered Charge
VR=300V,IF=10A,
-di/dt=1500A/
μs,V
GE=-15V
Tj=125
oC
0.85
μC
IRM
Peak Reverse
Recovery Current
19.0
A
Erec
Reverse Recovery
Energy
0.20
mJ
Qr
Recovered Charge
VR=300V,IF=10A,
-di/dt=1500A/
μs,V
GE=-15V
Tj=150
oC
1.10
μC
IRM
Peak Reverse
Recovery Current
21.0
A
Erec
Reverse Recovery
Energy
0.26
mJ
Module Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
LCE
Stray Inductance
25
nH
RCC’+EE’
Module Lead Resistance,Terminal to Chip
9.50
m
Ω
RthJC
Junction-to-Case (per IGBT-inverter)
Junction-to-Case (per Diode-inverter)
1.664
2.173
1.830
2.390
K/W
RthCH
Case-to-Heatsink (per IGBT-inverter)
Case-to-Heatsink (per Diode-inverter)
Case-to-Heatsink (per Module)
0.816
1.065
0.077
K/W
F
Mounting Force Per Clamp
30
50
N
G
Weight of Module
10
g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com