Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD10FSX65L4S Datasheet(PDF) 5 Page - StarPower Europe AG

No. de pieza GD10FSX65L4S
Descripción Electrónicos  650V/10A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD10FSX65L4S Datasheet(HTML) 5 Page - StarPower Europe AG

  GD10FSX65L4S Datasheet HTML 1Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 2Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 3Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 4Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 5Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 6Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 7Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 8Page - StarPower Europe AG GD10FSX65L4S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GD10FSX65L4S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
10/29/2018
5/9
Preliminary
Fig 1. IGBT-inverter Output Characteristics
Fig 2. IGBT-inverter Transfer Characteristics
Fig 3. IGBT-inverter Switching Loss vs. IC
Fig 4. IGBT-inverter Switching Loss vs. RG
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
V
CE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
GE=15V
0
2
4
6
8
10
12
14
16
18
20
5
6
7
8
9
10
11
12
V
GE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
CE=20V
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
I
C [A]
Eon,Tj=125℃
Eoff,Tj=125℃
Eon,Tj=150℃
Eoff,Tj=150℃
V
CC=300V
R
G=27Ω
V
GE=±15V
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
300
R
G [Ω]
Eon,Tj=125℃
Eoff,Tj=125℃
Eon,Tj=150℃
Eoff,Tj=150℃
V
CC=300V
I
C=10A
V
GE=±15V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com