Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U385VG Datasheet(PDF) 69 Page - STMicroelectronics

No. de pieza STM32U385VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 65Page - STMicroelectronics STM32U385VG Datasheet HTML 66Page - STMicroelectronics STM32U385VG Datasheet HTML 67Page - STMicroelectronics STM32U385VG Datasheet HTML 68Page - STMicroelectronics STM32U385VG Datasheet HTML 69Page - STMicroelectronics STM32U385VG Datasheet HTML 70Page - STMicroelectronics STM32U385VG Datasheet HTML 71Page - STMicroelectronics STM32U385VG Datasheet HTML 72Page - STMicroelectronics STM32U385VG Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 224 page
background image
Pin number
Alternate functions
Additional
functions
7
7
H8
7
E1
J9
G7
14
F1
4
7
7
E1
14
H2
NRST (NRST) I/O
RST
-
-
-
-
-
-
8
E2
G7
-
15
F2
-
-
8
E3
15
H1
PC0
I/O
FT_fha
-
LPTIM1_IN1, OCTOSPI1_IO7,
I2C3_SCL(boot), SPI2_RDY,
I3C2_SCL, LPUART1_RX,
SDMMC1_D5, LPTIM2_IN1,
EVENTOUT
ADC1_IN1
-
-
-
9
E3
H6
-
16
G1
-
-
9
E2
16
J2
PC1
I/O
FT_fha
-
TRACED0, LPTIM1_CH1,
SPI2_MOSI, I2C3_SDA(boot),
I3C1_SDA, I3C2_SDA,
LPUART1_TX, OCTOSPI1_IO4,
SAI1_SD_A, EVENTOUT
ADC1_IN2
-
-
-
10
E4
K8
-
17
G2
-
-
10
F2
17
J3
PC2
I/O
FT_ha
-
LPTIM1_IN2, SPI2_MISO,
OCTOSPI1_IO5, EVENTOUT
ADC2_IN1
-
-
-
11
F2
L9
-
18
H3
-
-
11
G1
18
K2
PC3
I/O
FT_ha
-
LPTIM1_ETR, LPTIM3_CH1,
SAI1_D1, SPI2_MOSI,
OCTOSPI1_IO6, SAI1_SD_A,
LPTIM2_ETR, EVENTOUT
ADC2_IN2
8
8
J7
12
F1
M8
K8
19
H2
-
8
12
F1
19
J1
VSSA
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
20
K1
VREF-
S
-
-
-
-
-
-
-
-
-
-
-
20
H1
-
-
-
-
21
L1
VREF+
S
-
-
-
VREFBUF_OUT
9
9
K8
13
G1
N9
L9
21
J1
5
9
13
H1
22
M1
VDDA
S
-
-
-
-
10
10
H6
14
E5
J7
J7
22
J3
6
10
14
G2
23
L2
PA0
I/O
FT_at
-
TIM2_CH1, SPI3_RDY, UART4_TX,
AUDIOCLK, TIM2_ETR, EVENTOUT
OPAMP1_VINP,
ADC1_IN3,
WKUP1,
TAMP_IN2
11
11
G5
15
F3
L7
L7
23
J2
7
11
15
H2
24
M2
PA1
I/O
FT_fhat
-
LPTIM1_CH2, TIM2_CH2,
I2C2_SMBA, I2C1_SMBA,
SPI1_SCK, I3C1_SDA(boot),
UART4_RX, OCTOSPI1_DQS,
TIM15_CH1N, EVENTOUT
OPAMP1_VINM,
ADC1_IN4,
WKUP3,
TAMP_IN5
12
12
H4
16
G2
K6
M8
24
K1
8
12
16
F3
25
K3
PA2
I/O
FT_ha
-
TIM2_CH3, SPI1_RDY,
LPUART1_TX, OCTOSPI1_NCS,
TIM15_CH1, EVENTOUT
COMP1_INP3,
ADC1_IN5,
WKUP4/LSCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More