| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U385VG Datasheet(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U385VG Datasheet(HTML) 79 Page - STMicroelectronics |
|
79 / 224 page ![]() 3. After reset, this pin is configured as JTAG/SWD alternate functions. The internal pull-up on PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are activated. 4. Boot for all packages except WLCSP68 SMPS-G package. 5. Boot only for WLCSP68 SMPS-G package. 6. Power supply is VDDIO2. 7. On the UFQFPN32 package the pin PB7 is internally connected to BOOT0, and therefore it is denoted as PB7-BOOT0. 4.3 Alternate functions Table 22. Alternate function AF0 to AF7 See Table 23 for AF8 to AF15. Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 CRS/LPTIM1/ SYS_AF LPTIM1/ TIM1/2 LPTIM1/2/3/ TIM1/2/3/4 ADF1/I2C1/2/ I3C1/2/ OCTOSPI1/SAI1/ SPI2/ TIM1/USB I2C1/2/3/ LPTIM3 I2C3/I3C1/2/ OCTOSPI1/ SPI1/2/3 I3C1/2/ SPI3 USART1/3 PA0 - TIM2_CH1 - - - - SPI3_RDY - PA1 LPTIM1_CH2 TIM2_CH2 - I2C2_SMBA I2C1_SMBA SPI1_SCK I3C1_SDA - PA2 - TIM2_CH3 - - - SPI1_RDY - - PA3 - TIM2_CH4 - SAI1_CK1 - - - - PA4 - - - OCTOSPI1_NCS - SPI1_NSS SPI3_NSS - PA5 PWR_CSLEEP TIM2_CH1 TIM2_ETR - - SPI1_SCK - USART3_RX PA6 - TIM1_BKIN TIM3_CH1 I3C2_SDA I2C2_SDA SPI1_MISO I3C1_SDA USART3_CTS/ USART3_NSS PA7 PWR_CSTOP TIM1_CH1N TIM3_CH2 - I2C3_SCL SPI1_MOSI I3C1_SCL USART3_TX PA8 MCO TIM1_CH1 - SAI1_CK2 - SPI1_RDY - USART1_CK PA9 MCO TIM1_CH2 - SPI2_SCK - - - USART1_TX PA10 CRS_SYNC TIM1_CH3 LPTIM2_IN2 SAI1_D1 - - - USART1_RX PA11 - TIM1_CH4 TIM1_BKIN2 - - SPI1_MISO - USART1_CTS/ USART1_NSS PA12 - TIM1_ETR TIM4_ETR - - SPI1_MOSI - USART1_RTS/ USART1_DE PA13 JTMS/SWDIO IR_OUT - - - - - - PA14 JTCK/SWCLK LPTIM1_CH1 - I2C2_SMBA I2C1_SMBA I2C3_SMBA - - PA15 JTDI TIM2_CH1 TIM2_ETR SAI1_D2 - SPI1_NSS SPI3_NSS USART3_RTS/ USART3_DE |