Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U385VG Datasheet(PDF) 71 Page - STMicroelectronics

No. de pieza STM32U385VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 67Page - STMicroelectronics STM32U385VG Datasheet HTML 68Page - STMicroelectronics STM32U385VG Datasheet HTML 69Page - STMicroelectronics STM32U385VG Datasheet HTML 70Page - STMicroelectronics STM32U385VG Datasheet HTML 71Page - STMicroelectronics STM32U385VG Datasheet HTML 72Page - STMicroelectronics STM32U385VG Datasheet HTML 73Page - STMicroelectronics STM32U385VG Datasheet HTML 74Page - STMicroelectronics STM32U385VG Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 224 page
background image
Pin number
Alternate functions
Additional
functions
18
18
K4
24
H4
N5
N5
32
L3
14
18
26
F5
35
M5
PB0
I/O
TT_ha
-
TIM1_CH2N, TIM3_CH3,
LPTIM3_CH1, SPI1_NSS,
USART3_CK, OCTOSPI1_IO1,
COMP1_OUT, AUDIOCLK,
EVENTOUT
OPAMP2_VOUT,
ADC1_IN13,
ADC2_IN9
19
19
L5
25
G5
L5
P6
33
M3
15
19
27
G5
36
M6
PB1
I/O
FT_ha
-
TIM1_CH3N, TIM3_CH4,
LPTIM3_CH2, USART3_RTS/
USART3_DE, LPUART1_RTS/
LPUART1_DE, OCTOSPI1_IO0,
LPTIM2_IN1, EVENTOUT
COMP1_INM1,
ADC1_IN14,
ADC2_IN10,
WKUP4
-
-
N5
26
G4
R5
R5
34
L4
-
20
28
G6
37
L6
PB2
I/O
FT_fha
-
LPTIM1_CH1, I2C2_SCL,
I2C3_SMBA, SPI1_RDY, I3C1_SCL,
OCTOSPI1_DQS, EVENTOUT
COMP1_INP2,
ADC1_IN15,
WKUP1,
RTC_OUT2
-
-
-
-
-
-
-
35
K5
-
-
-
-
38
M7
PE7
I/O
FT
-
TIM1_ETR, SAI1_SD_B, EVENTOUT
WKUP6
-
-
-
-
-
-
-
36
M4
-
-
-
-
39
L7
PE8
I/O
FT
-
TIM1_CH1N, SAI1_SCK_B,
EVENTOUT
WKUP7
-
-
-
-
-
-
-
37
L5
-
-
-
-
40
M8
PE9
I/O
FT_h
-
TIM1_CH1, ADF1_CCK0,
OCTOSPI1_NCLK, SAI1_FS_B,
EVENTOUT
-
-
-
-
-
-
-
-
38
M5
-
-
-
-
41
L8
PE10
I/O
FT_ha
-
TIM1_CH2N, ADF1_SDI0,
TSC_G5_IO1, OCTOSPI1_CLK,
SAI1_MCLK_B, EVENTOUT
-
-
-
-
-
-
-
-
39
L6
-
-
-
-
42
M9
PE11
I/O
FT_ha
-
TIM1_CH2, SPI1_RDY,
TSC_G5_IO2, OCTOSPI1_NCS,
EVENTOUT
-
-
-
-
-
-
-
-
40
M6
-
-
-
-
43
L9
PE12
I/O
FT_ha
-
TIM1_CH3N, SPI1_NSS,
TSC_G5_IO3, OCTOSPI1_IO0,
EVENTOUT
-
-
-
-
-
-
-
-
41
L7
-
-
-
-
44
M10
PE13
I/O
FT_ha
-
TIM1_CH3, SPI1_SCK,
TSC_G5_IO4, OCTOSPI1_IO1,
EVENTOUT
-
-
-
-
-
-
-
-
42
M7
-
-
-
-
45
M11
PE14
I/O
FT_h
-
TIM1_CH4, TIM1_BKIN2,
SPI1_MISO, OCTOSPI1_IO2,
EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More