Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U385VG Datasheet(PDF) 215 Page - STMicroelectronics

No. de pieza STM32U385VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 215 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 211Page - STMicroelectronics STM32U385VG Datasheet HTML 212Page - STMicroelectronics STM32U385VG Datasheet HTML 213Page - STMicroelectronics STM32U385VG Datasheet HTML 214Page - STMicroelectronics STM32U385VG Datasheet HTML 215Page - STMicroelectronics STM32U385VG Datasheet HTML 216Page - STMicroelectronics STM32U385VG Datasheet HTML 217Page - STMicroelectronics STM32U385VG Datasheet HTML 218Page - STMicroelectronics STM32U385VG Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 224 page
background image
3.16.1
Nested vectored interrupt controller (NVIC).................................... 30
3.16.2
Extended interrupt/event controller (EXTI) .................................... 30
3.17
Cyclic redundancy check calculation unit (CRC).................................... 30
3.18
Octo-SPI interface (OCTOSPI) .................................................. 31
3.19
Delay block .................................................................. 31
3.20
Analog-to-digital converter (ADC) ................................................ 32
3.20.1
Temperature sensor ..................................................... 33
3.20.2
Internal voltage reference (VREFINT) ........................................ 33
3.20.3
VBAT battery voltage monitoring ............................................ 34
3.21
Digital-to-analog converter (DAC) ................................................ 34
3.22
Voltage reference buffer (VREFBUF) ............................................. 34
3.23
Comparators (COMP).......................................................... 35
3.24
Operational amplifiers (OPAMP) ................................................. 35
3.25
Audio digital filter (ADF) ........................................................ 35
3.26
Touch sensing controller (TSC) .................................................. 36
3.27
Coupling and chaining bridge ................................................... 37
3.28
Random number generator (RNG) ............................................... 37
3.29
Secure advanced encryption standard hardware accelerator (SAES) and encryption
standard hardware accelerator (AES) ............................................ 38
3.30
HASH hardware accelerator (HASH) ............................................. 39
3.31
Public key accelerator (PKA) .................................................... 39
3.32
Timers and watchdogs ......................................................... 40
3.32.1
Advanced-control timers (TIM1) ............................................ 40
3.32.2
General-purpose timers (TIM2, TIM3, TIM4, TIM15, TIM16, TIM17) ................. 41
3.32.3
Basic timers (TIM6 and TIM7) .............................................. 41
3.32.4
Low-power timers (LPTIM1, LPTIM2, LPTIM3, LPTIM4) .......................... 41
3.32.5
Infrared interface........................................................ 42
3.32.6
Independent watchdog (IWDG)............................................. 42
3.32.7
Window watchdog (WWDG) ............................................... 42
3.32.8
SysTick timer .......................................................... 43
3.33
Real-time clock (RTC) ......................................................... 43
3.34
Tamper and backup registers (TAMP) ............................................ 43
3.35
Inter-integrated circuit interface (I2C) ............................................. 44
3.36
Improved inter-integrated circuit interface (I3C) .................................... 45
3.37
Universal synchronous/asynchronous receiver transmitter (USART) ................... 47
3.38
Low-power universal asynchronous receiver transmitter (LPUART) ................... 48
3.39
Serial peripheral interface (SPI) ................................................. 50
STM32U385xx
Contents
DS14830 - Rev 2
page 215/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More