Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U375VG Datasheet(PDF) 81 Page - STMicroelectronics

No. de pieza STM32U375VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375VG Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32U375VG Datasheet HTML 77Page - STMicroelectronics STM32U375VG Datasheet HTML 78Page - STMicroelectronics STM32U375VG Datasheet HTML 79Page - STMicroelectronics STM32U375VG Datasheet HTML 80Page - STMicroelectronics STM32U375VG Datasheet HTML 81Page - STMicroelectronics STM32U375VG Datasheet HTML 82Page - STMicroelectronics STM32U375VG Datasheet HTML 83Page - STMicroelectronics STM32U375VG Datasheet HTML 84Page - STMicroelectronics STM32U375VG Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 222 page
background image
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
CRS/LPTIM1/
SYS_AF
LPTIM1/
TIM1/2
LPTIM1/2/3/
TIM1/2/3/4
ADF1/I2C1/2/
I3C1/2/
OCTOSPI1/SAI1/
SPI2/
TIM1/USB
I2C1/2/3/
LPTIM3
I2C3/I3C1/2/
OCTOSPI1/
SPI1/2/3
I3C1/2/
SPI3
USART1/3
PH3
-
-
TIM4_CH4
I3C1_SDA
-
-
I3C2_SDA
-
Table 23. Alternate function AF8 to AF15
See Table 22 for AF0 to AF7.
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/
SDMMC1/
UART4/5
FDCAN1/
TSC
CRS
/OCTOSPI1/
USB
MCO2
COMP1/2/
SDMMC1/
SYS_AF
LPTIM2/4/
SAI1
LPTIM2/3/
TIM2/15/16/17
EVENTO
UT
PA0
UART4_TX
-
-
-
-
AUDIOCLK
TIM2_ETR
PA1
UART4_RX
-
OCTOSPI1_DQS
-
-
-
TIM15_CH1N
PA2
LPUART1_TX
-
OCTOSPI1_NCS
-
-
-
TIM15_CH1
PA3
LPUART1_RX
-
OCTOSPI1_CLK
-
SAI1_MCLK_A
TIM15_CH2
PA4
-
-
-
-
-
SAI1_FS_B
LPTIM2_CH1
PA5
-
-
-
-
-
-
LPTIM2_ETR
PA6
LPUART1_CTS
-
OCTOSPI1_IO3
-
-
-
TIM16_CH1
PA7
-
-
OCTOSPI1_IO2
-
-
LPTIM2_CH2
TIM17_CH1
PA8
-
-
-
MCO2
TRACECLK
SAI1_SCK_A
LPTIM2_CH1
PA9
LPUART1_TX
-
-
-
-
SAI1_FS_A
TIM15_BKIN
PA10
LPUART1_RX
-
-
MCO2
-
SAI1_SD_A
TIM17_BKIN
PA11
-
FDCAN1_RX
-
-
-
-
PA12
-
FDCAN1_TX
-
-
-
-
PA13
-
-
USB_NOE
-
-
SAI1_SD_B
-
PA14
-
-
-
-
-
SAI1_FS_B
-
PA15
UART4_RTS/
UART4_DE
TSC_G3_IO1
-
-
-
-
-
PB0
-
-
OCTOSPI1_IO1
-
COMP1_OUT
AUDIOCLK
-
PB1
LPUART1_RTS/
LPUART1_DE
-
OCTOSPI1_IO0
-
-
-
LPTIM2_IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More