Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AV24LP402 Datasheet(PDF) 10 Page - APEM

No. de pieza AV24LP402
Descripción Electrónicos  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEM [APEM]
Página de inicio  www.apem.com
Logo APEM - APEM

AV24LP402 Datasheet(HTML) 10 Page - APEM

Back Button AV24LP402 Datasheet HTML 6Page - APEM AV24LP402 Datasheet HTML 7Page - APEM AV24LP402 Datasheet HTML 8Page - APEM AV24LP402 Datasheet HTML 9Page - APEM AV24LP402 Datasheet HTML 10Page - APEM AV24LP402 Datasheet HTML 11Page - APEM AV24LP402 Datasheet HTML 12Page - APEM AV24LP402 Datasheet HTML 13Page - APEM AV24LP402 Datasheet HTML 14Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
APEM
www.apem.com
B-97
AV series
Security pushbutton switches
Bushing Ø 16 (.629) - latching action
B
New!
Quick-connect terminals
Flat actuator
Curved actuator
AV0611A800
AV1611A800
Straight PC terminals
Flat actuator
Curved actuator
AV0611A400
AV1611A400
5.08
(.200)
0.50
(.019)
1.10
(.043)
EPOXY
SPECIFICATIONS
• Max. current/voltage rating with resistive load :1,5A 250VAC - 1A 24VDC
• Initial contact resistance : 50mΩ max.
• Insulation resistance : 1 GΩ min. at 500VDC
• Dielectric strength : 1.500 Vrms 50 Hz min. between terminals
1 000 Vrms 50 Hz between terminals and frame
• Electrical life : 100.000 cycles at 1,5A 250VAC
40.000 cycles at 1A 24VDC
•Torque : 5 Nm min. - 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 6 mm (.236) max.
• Operating temperature : -30°C to +70°C
• Mechanical life : 200.000 cycles
• Packaging unit : 25 pieces
OFF
ON
MATERIALS
• Case : PA-6T, UL94-V0
• Contacts : silver (A)
Gold plated silver (AD) on request.
• Bushing and actuator : nickel
plated brass (std)
CUT
-OUT
• Panel cut-out : Ø 16,2 (.637)
• Min. pitch for matrix mounting :
24 mm x 24 mm (.944 x .944)
ORDER FORMAT
Series
Bush./act.
config.
Function
Case
style
Contact
matl.
Term.
type
Bush./act.
material
See ”options” page.
K
Sealing
AV
06
16
4
2
8
1
1
A
00
Solder lug terminals - AV..11A200
Hex nut 19 (.748) across flats
3.40
(.133)
1.50
(.059)
9.00
(.354)
15.20
(.598)
2.30
(.090)
3.00
(.118)
3.00
(.118)
EPOXY
Flat actuator
AV0611A200
OFF - ON
Curved actuator
AV1611A200
OFF - ON
BASIC MODEL
OTHER CONFIGURATIONS
2.80
(.047)
1.20
(.047)
0.50
(.019)
EPOXY
All model numbers below are for switches with standard bushing/actuator material, without marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com