Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AV24LP402 Datasheet(PDF) 20 Page - APEM

No. de pieza AV24LP402
Descripción Electrónicos  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEM [APEM]
Página de inicio  www.apem.com
Logo APEM - APEM

AV24LP402 Datasheet(HTML) 20 Page - APEM

Back Button AV24LP402 Datasheet HTML 12Page - APEM AV24LP402 Datasheet HTML 13Page - APEM AV24LP402 Datasheet HTML 14Page - APEM AV24LP402 Datasheet HTML 15Page - APEM AV24LP402 Datasheet HTML 16Page - APEM AV24LP402 Datasheet HTML 17Page - APEM AV24LP402 Datasheet HTML 18Page - APEM AV24LP402 Datasheet HTML 19Page - APEM AV24LP402 Datasheet HTML 20Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
APEM
www.apem.com
B-107
AV series
Snap-action security pushbuttons with overmolded actuator
Options
B
New!
CODE
MATERIAL
0 (std)
Nickel plated brass
2
Chrome plated brass
4
Stainless steel
5
Gold plated brass
6
Chrome plated brass, satin
7
Chrome pl. brass, matt black
8
Varnished polished brass
9
Polished brass
K
Front panel sealing (IP65)
1
2
➀ internal gasket
➁ external gasket
BUSHING MATERIALS
CODE
COLOUR
1
Blue
2
Black
3
Green
4
Grey
5
Yellow
6
Red
7
White
8
Translucent
9
Orange
COLOUR OF OVERMOLDING
CODE
COLOUR
Blank
No LED
1
Blue
2
Red/green
3
Green
5
Yellow
6
Red
7
White
9
Amber
LED COLOURS
The ring and symbols are obtained by photochemical engraving of a stainless steel insert.
The insert is then overmolded in the desired colour.
The following actuator styles are available. For other types, consult factory.
ACTUATOR STYLES
SEALING
Blank
No sealing
After selecting basic model no.,
fill in last 5 boxes
with desired options.
CODE
001
002
003
004
005
DESCRIPTION
Illuminated
ring and disc
Illuminated
ring
Arrow
Loudspeaker
OFF
Double
arrow
RING
/SYMBOL
Series Bush./act.
config.
Illum.
or not
Contact
matl.
Term.
type
Bush.
material
Actuator
style
LED
colour
Seal.
AV
Over-
molding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com