Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AV24LP402 Datasheet(PDF) 17 Page - APEM

No. de pieza AV24LP402
Descripción Electrónicos  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEM [APEM]
Página de inicio  www.apem.com
Logo APEM - APEM

AV24LP402 Datasheet(HTML) 17 Page - APEM

Back Button AV24LP402 Datasheet HTML 12Page - APEM AV24LP402 Datasheet HTML 13Page - APEM AV24LP402 Datasheet HTML 14Page - APEM AV24LP402 Datasheet HTML 15Page - APEM AV24LP402 Datasheet HTML 16Page - APEM AV24LP402 Datasheet HTML 17Page - APEM AV24LP402 Datasheet HTML 18Page - APEM AV24LP402 Datasheet HTML 19Page - APEM AV24LP402 Datasheet HTML 20Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
B-104
APEM
www.apem.com
AV series
Snap-action security pushbutton switches
Bushing Ø 19 (.748) - illuminated or not - momentary (NO)
B
Flat actuator - illuminated
Solder lug terminals
AV09C7L3D200
Screw terminals
AV09C7L3D900
NO
(function 3)
SPECIFICATIONS
• Max. current/voltage rating with resistive load : 50mA 24VDC
• LED voltage and consumption : 2-colour LED : 2V (3V max.) 20mA
Other colours : 2V (3V max.) 10mA
A resistor must be series-connected by the user.**
• Initial contact resistance : 100 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 500 Vrms 50 Hz min. between terminals
2.000 Vrms 50 Hz min. between terminals and bushing
• Electrical life : 1.000.000 cycles at full load
• Operating force : 7 N +/-2N
• Travel : 0,7 mm (.027) +/- 0,1 mm (.003)
•Torque : 5 Nm min.- 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 11 mm (.433) max.
• Operating temperature : -30°C to +70°C
• Soldering : 270°C max. during 3 sec.
• Packaging unit : 40 pieces
** Resistor value = supply voltage - LED forward voltage
LED forward current
Flat actuator - non-illuminated
Hex nut 22 (.866) across flats
Solder lug terminals
AV09C703D200
Screw terminals
AV09C703D900
Also available with curved actuator :
AV19C703D200
or AV19C703D900
MATERIALS
• Case : PBT UL94-V0
• Terminals : brass, gold plated
• Contacts : gold plated dome
• Bushing : brass, nickel plated (std)
• Actuator : brass, nickel plated (std)
• LED
CUT
-OUTS
• Panel cut-out :
Ø 19,2 mm (.755)
• Min. pitch for matrix mounting :
30 mm (1.181) x 30 mm (1.181)
(.074)
1.90
(.153)
3.90
Ø19.00x1.00 SI
3.00
2.00
13.50
(.748DIAx1.00 IS)
(.118)
(.078)
(.531)
(.163)
4.15
EPOXY
(.519)
13.20
13.50
(.531)
(.078)
2.00
(.531)
(.078)
(.118)
(.748DIAx1.00 IS)
13.50
2.00
3.00
Ø19.00x1.00 SI
3.90
(.153)
4.15
(.163)
1.90
(.074)
EPOXY
(.078)
2.00
(.519)
13.20
13.50
(.531)
ORDER FORMAT
Series Bush./act.
config.
Case
style
Funct.
Illum.
or not
Contact
matl.
Term.
type
Bush./act.
material
Marking
LED
colour
Seal.
AV
00
09
19
L
0
2
9
C7
3
D
2
K
See ”options” on next page.
All model numbers below are for switches
with standard bushing/actuator material,
without marking.
Hex nut 22 (.866) across flats
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com