Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECQE2104KB Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza ECQE2104KB
Descripción Electrónicos  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2104KB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQE2104KB Datasheet HTML 1Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 2Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 3Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 4Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 5Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 6Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 7Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 8Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ECQE(B) series
Unit
:mm
■ Packing quantity : 100 pcs./bag
■ Taping style
* Please check the product drawing for the shape of the lead wire forming.
The above diagram shows the taping dimensions, and the lead wire forming shape is an example.
* H1 dimension is based on insertion machine “Panasert RH series” made by Panasonic. Consult with Panasonic technical staff when using other insertion machines.
Unit
:mm
*:max.
■ Packaging specifications
● Lead spacing
Unit
:mm
See the column
“Rating ·Dimensions · Quantity”
for packaging quantity
Taping specifications for automatic insertion
Packaging specifications for bulk package
Dimensions
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Size list
AD
AB
C
D
E
AS
Style
15.0
30.0
P0
12.7
12.7
12.7
15.0
15.0
12.7
12.7
P
12.7
12.7
25.4
7.5
7.5
H0
16.0
16.0
16.0
16.0
16.0
(H)18.0-20.0
5.0
F
5.0
5.0
5.0
44.0
44.0
Series
R.voltage
Capacitance range
(μF
)
Taping style
Packing
Suffix
Style
Lead spacing
AD AB
B
C
D
E
H1*
34.0
34.0
39.0
34.0
AD
5.0
0.010 to 0.68
〇
Ammo
( ) B3
AB
5.0
Ammo
( ) B2
0.010 to 0.15
〇
0.082 to 0.68
AS
5.0
0.18 to 0.68
〇
Ammo
R( ) B
C
5.0
〇
Ammo
( ) B3
0.82 to 1.5
〇
0.082 to 0.22
0.27 to 2.7
0.010 to 0.068
0.82 to 4.7
〇
Ammo
( ) B2
Ammo
R( ) B
Ammo
( ) B3
〇
Ammo
( ) B6
D
7.5
E
7.5
125 V [AC]
250 V [DC]
ECQE(B)
R( ) B
0.82 to 2.7
〇
Ammo
R( ) B
〇
Ammo
〇
L max.
T max.
L max.
L max.
F
±1.0
S
±0.8
S
±0.8
Type B
Type D
ød
±0.05
Style AD
P
P0
F
Style AB
P0
F
Style AS
Style C
P0
F
P
Style D
P0
F
P
P0
F
P
Style E
P0
F
Crimped lead
(Suffix B)
Straight
Crimped lead
(Suffix B)
Cut lead
(Suffix Z)
Marking
Marking
Marking
Marking
Copper-clad
steel-wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com