Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECQE2104KB Datasheet(PDF) 3 Page - Panasonic Semiconductor

No. de pieza ECQE2104KB
Descripción Electrónicos  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2104KB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQE2104KB Datasheet HTML 1Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 2Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 3Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 4Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 5Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 6Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 7Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 8Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ECQE(B) series
■ Rated voltage [DC]:250 V, Capacitance tolerance:±5 %(J), ±10 %(K)
*
□:Capacitance tolerance code
Type D : 0.010 μF to 0.68 μF
()
:Suffix for lead crimped or taped type
Type B : 0.82 μF to 4.7 μF
Rating · Dimensions · Quantity
13.6
14.0
15.6
6.4
5.7
6.2
6.7
7.3
ECQE2103
□B( )
ECQE2123
□B( )
ECQE2153
□B( )
ECQE2183
□B( )
16.2
14.7
15.1
15.8
16.3
15.9
16.4
16.9
17.7
0.33
0.39
0.47
5.0
5.0
0.5
0.5
0.5
0.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
Part No.
Min. order Q'ty (PCS)
Straight Crimped
lead
Standard
5.0 mm
Odd size
5.0 mm
Odd size
7.5 mm
Straight
・
Crimped
lead
Bulk
Taping
ød
Crimped
lead
Straight
H max.
F
S
Dimensions
(mm)
Cap.
(μF)
T
max.
L
max.
7.1
7.1
7.2
12.1
12.1
12.2
18.3
19.0
19.6
11.9
12.7
13.3
14.0
14.6
12.2
12.2
12.2
12.4
12.4
12.7
13.0
7.1
12.1
20.7
19.6
20.6
21.7
22.9
24.8
26.0
7.2
7.2
7.2
7.4
7.4
7.7
8.0
8.6
9.0
10.6
11.2
9.7
10.1
10.8
11.3
10.9
11.4
15.7
14.6
15.6
16.7
17.9
19.8
21.0
4.2
4.2
4.2
4.3
4.3
4.3
4.3
4.5
4.5
4.7
5.1
5.4
5.9
5.7
6.3
5.0
5.4
5.9
6.3
7.0
7.6
8.6
7.6
8.4
9.3
10.5
10.8
20.8
20.8
20.8
20.8
20.8
11.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
10.3
10.3
10.3
15.3
15.3
15.3
15.3
10.3
12.3
12.3
12.3
12.3
1.8
2.2
2.7
3.3
3.9
20.8
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
ECQE2564
□B( )
ECQE2684
□B( )
ECQE2824
□B( )
ECQE2105
□B( )
ECQE2125
□B( )
ECQE2155
□B( )
0.82
1.0
1.2
1.5
0.56
0.68
ECQE2185
□B( )
ECQE2225
□B( )
ECQE2275
□B( )
ECQE2335
□B( )
ECQE2395
□B( )
ECQE2475
□B( )
4.7
ECQE2223
□B( )
ECQE2273
□B( )
ECQE2333
□B( )
ECQE2393
□B( )
ECQE2473
□B( )
ECQE2563
□B( )
ECQE2683
□B( )
ECQE2823
□B( )
ECQE2104
□B( )
ECQE2124
□B( )
ECQE2154
□B( )
ECQE2184
□B( )
ECQE2224
□B( )
ECQE2274
□B( )
ECQE2334
□B( )
ECQE2394
□B( )
ECQE2474
□B( )
0.8
0.8
0.6
0.8
0.8
0.8
0.8
300
400
1000
1500
1000
600
400
200
900
500
300
1500
400
1000
–
0.6
0.6
0.6
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
5.0
5.0
5.0
7.5
7.5
7.5
7.5
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
10.0
5.0
10.0
10.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
10.0
5.0
500
17.5
17.5
17.5
–
1000
1500
1500
2000
–
500
–
10.0
10.0
12.5
12.5
12.5
12.5
17.5
17.5
17.5
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com