Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECQE2104KB Datasheet(PDF) 4 Page - Panasonic Semiconductor

No. de pieza ECQE2104KB
Descripción Electrónicos  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2104KB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECQE2104KB Datasheet HTML 1Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 2Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 3Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 4Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 5Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 6Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 7Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 8Page - Panasonic Semiconductor ECQE2104KB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ECQE(B) series
■ Rated voltage [AC]:125 V, Capacitance tolerance:±5 %(J), ±10 %(K)
*
□:Capacitance tolerance code
Type D : 0.082 μF to 0.68 μF
()
:Suffix for lead crimped or taped type
Type B : 0.82 μF to 4.7 μF
Notice for AC rated
AC rated capacitors complying with clause 1 of “Electrical Appliance and Material Safety Law”.
As for clause 2 of “Electrical Appliance and Material Safety Law”, please use ECQUA type or ECQUL type.
When using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition.
1.Capacitor shall be connected in parallel with varistor (Specifi ed varistor voltage in table 1.)
2.Voltage applied for capacitor shall not exceed other than specifi ed in table 1, when using these capacitors
Table 1
Rating · Dimensions · Quantity
7.9
7.9
7.9
7.9
Odd size
5.0 mm
Odd size
7.5 mm
Straight
・
Crimped
lead
Standard
5.0 mm
Part No.
Min. order Q'ty (PCS)
Straight Crimped
lead
Straight Crimped
lead
F
S
4.2
4.2
4.3
0.010
0.012
0.015
0.018
125 V [AC]
250 V
250 V0-p
Capacitor rated voltage
Varistor voltage
Pulse voltage
ECQE1A105
□B( )
7.1
8.0
8.7
ECQE1A225
□B( )
ECQE1A275
□B( )
ECQE1A335
□B( )
ECQE1A395
□B( )
ECQE1A475
□B( )
25.8
25.8
10.0
15.0
15.0
15.0
15.9
22.1
23.2
ECQE1A394
□B( )
ECQE1A474
□B( )
ECQE1A564
□B( )
ECQE1A684
□B( )
ECQE1A824
□B( )
ød
Taping
Bulk
Cap.
(μF)
Dimensions (
mm)
L
max.
T
max.
H max.
4.2
ECQE1A563
□B( )
ECQE1A103
□B( )
ECQE1A123
□B( )
ECQE1A153
□B( )
ECQE1A183
□B( )
ECQE1A223
□B( )
ECQE1A273
□B( )
ECQE1A333
□B( )
ECQE1A393
□B( )
ECQE1A473
□B( )
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
ECQE1A125
□B( )
ECQE1A155
□B( )
ECQE1A185
□B( )
ECQE1A683
□B( )
ECQE1A823
□B( )
ECQE1A104
□B( )
ECQE1A124
□B( )
ECQE1A154
□B( )
ECQE1A184
□B( )
ECQE1A224
□B( )
ECQE1A274
□B( )
ECQE1A334
□B( )
6.1
5.4
5.3
5.7
5.6
10.6
11.8
5.9
6.4
7.0
6.7
7.9
7.9
7.9
7.9
7.9
7.9
7.9
10.3
10.3
5.1
4.3
4.3
4.3
4.5
4.8
10.3
12.3
12.3
12.3
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
5.4
4.6
5.1
10.3
10.3
10.3
3.9
4.7
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
1500
2.2
2.7
3.3
20.8
20.8
25.8
12.3
15.3
15.3
20.8
20.8
20.8
9.7
10.9
9.6
7.3
6.3
7.0
0.22
0.27
0.33
12.3
12.3
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
0.6
0.6
7.5
15.7
16.2
10.0
10.0
0.8
0.8
0.8
0.8
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
7.5
10.0
10.0
12.5
12.5
17.5
17.5
17.5
7.1
7.1
7.1
7.2
7.2
7.2
7.2
7.4
7.7
8.0
8.6
7.6
7.7
8.4
8.9
10.3
11.0
10.7
5.0
5.0
5.0
5.0
18.3
19.0
19.1
20.1
20.9
5.0
5.0
7.5
7.5
7.5
7.5
7.5
7.5
10.0
12.6
12.7
13.4
13.9
15.3
16.0
22.5
22.5
22.5
10.0
25.8
0.8
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
7.5
10.0
10.0
10.0
17.5
17.5
300
900
1000
900
500
400
1000
1000
600
500
600
500
600
500
800
700
400
300
11.2
16.6
17.2
16.9
17.7
13.3
14.0
14.1
15.1
10.0
–
500
–
–
17.1
18.2
18.7
19.7
20.8
–
2000
1500
–
500
400
–
11.6
12.2
11.9
12.7
23.7
24.7
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com