Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 63 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 59Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 60Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 61Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 62Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 63Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 64Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 65Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 66Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 232 page
background image
DS12288 Rev 1
63/232
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
78
G2
27
28
36
45
H9
53
68
PB14
I/O
TT_a
-
TIM15_CH1,
SPI2_MISO,
TIM1_CH2N,
USART3_RTS_DE,
COMP4_OUT,
HRTIM1_CHD1,
EVENTOUT
ADC4_IN4/ADC1
_IN5,
COMP7_INP,
OPAMP2_VINP,
OPAMP5_VINP
E4
28
29
37
46
K9
54
69
PB15
I/O
TT_a
-
RTC_REFIN,
TIM15_CH2,
TIM15_CH1N,
COMP3_OUT,
TIM1_CH3N,
SPI2_MOSI/I2S2_SD
, HRTIM1_CHD2,
EVENTOUT
ADC4_IN5/ADC2
_IN15,
COMP6_INM,
OPAMP5_VINM
G1
-
-
-
47
K10
55
70
PD8
I/O
TT_a
-
USART3_TX,
FMC_D13,
EVENTOUT
ADC4_IN12/ADC
5_IN12,
OPAMP4_VINM
F3
-
-
-
48
G8
56
71
PD9
I/O
TT_a
-
USART3_RX,
FMC_D14,
EVENTOUT
ADC4_IN13/ADC
5_IN13,
OPAMP6_VINP
F2
-
-
-
49
G7
57
72
PD10
I/O
FT_a
-
USART3_CK,
FMC_D15,
EVENTOUT
ADC345_IN7,
COMP6_INM
E2
-
-
-
-
H10
58
73
PD11
I/O
TT_a
-
TIM5_ETR,
I2C4_SMBA,
USART3_CTS,
FMC_A16,
EVENTOUT
ADC345_IN8,
COMP6_INP,
OPAMP4_VINP
-
-
-
-
-
J10
59
74
PD12
I/O
TT_a
-
TIM4_CH1,
USART3_RTS_DE,
FMC_A17,
EVENTOUT
ADC345_IN9,
COMP5_INP,
OPAMP5_VINP
-
-
-
-
-
G9
60
75
PD13
I/O
FT_a
-
TIM4_CH2,
FMC_A18,
EVENTOUT
ADC345_IN10,
COMP5_INM
-
-
-
-
-
F8
61
76
PD14
I/O
TT_a
-
TIM4_CH3,
FMC_D0,
EVENTOUT
ADC345_IN11,
COMP7_INP,
OPAMP2_VINP
-
-
-
-
-
G10
62
77
PD15
I/O
FT_a
-
TIM4_CH4,
SPI2_NSS,
FMC_D1,
EVENTOUT
COMP7_INM
B1
-
-
-
50
E7
63
78
VSS
S
-
-
-
-
E1
-
-
-
51
-
64
79
VDD
S
-
-
-
-
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com