Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 7Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 8Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 9Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 10Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 11Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 12Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 13Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 14Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 232 page
background image
DS12288 Rev 1
11/232
STM32G474xB STM32G474xC STM32G474xE
List of figures
11
Figure 49.
NAND controller waveforms for common memory read access . . . . . . . . . . . . . . . . . . . . 197
Figure 50.
NAND controller waveforms for common memory write access. . . . . . . . . . . . . . . . . . . . 198
Figure 51.
Quad SPI timing diagram - SDR mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
Figure 52.
Quad SPI timing diagram - DDR mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 201
Figure 53.
WLCSP - 81 balls, 4.02x4.27 mm, 0.4 mm pitch wafer level chip scale
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 202
Figure 54.
WLCSP - 81 balls, 4.02x4.27 mm, 0.4 mm pitch wafer level chip scale
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Figure 55.
UFQFPN - 48 leads, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
Figure 56.
UFQFPN - 48 leads, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Figure 57.
UFQFPN48, 7 x 7 mm, low-profile quad flat package top view example . . . . . . . . . . . . . 206
Figure 58.
LQFP - 48 pins, 7 x 7 mm low-profile quad flat package outline. . . . . . . . . . . . . . . . . . . . 207
Figure 59.
LQFP - 48 pins, 7 x 7 mm low-profile quad flat package
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
Figure 60.
LQFP48, 7 x 7 mm, low-profile quad flat package top view example . . . . . . . . . . . . . . . . 210
Figure 61.
LQFP - 64 pins, 10 x 10 mm low-profile quad flat package outline. . . . . . . . . . . . . . . . . . 211
Figure 62.
LQFP - 64 pins, 10 x 10 mm low-profile quad flat package
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 212
Figure 63.
LQFP64, 10 x 10 mm, low-profile quad flat package top view example . . . . . . . . . . . . . 213
Figure 64.
LQFP - 80 pins, 12 x 12 mm low-profile quad flat package outline. . . . . . . . . . . . . . . . . . 214
Figure 65.
LQFP - 80 pins, 12 x 12 mm low-profile quad flat package
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
Figure 66.
LQFP80, 12 x 12 mm, low-profile quad flat package top view example . . . . . . . . . . . . . . 216
Figure 67.
TFBGA - 100 balls, 8X8 mm, 0.8 mm pitch fine pitch ball grid array
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217
Figure 68.
TFBGA - 100 balls, 8X8 mm, 0.8 mm pitch fine pitch ball grid array
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
Figure 69.
TFBGA100 - 8 x 8 mm, low-profile quad flat package top view example . . . . . . . . . . . . 219
Figure 70.
LQFP - 100 pins, 14 x 14 mm low-profile quad flat package outline. . . . . . . . . . . . . . . . . 220
Figure 71.
LQFP - 100 pins, 14 x 14 mm low-profile quad flat
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
Figure 72.
LQFP100 - 14 x 14 mm, low-profile quad flat package top view example . . . . . . . . . . . . 222
Figure 73.
LQFP - 128 pins, 14 x 14 mm low-profile quad flat package outline. . . . . . . . . . . . . . . . . 223
Figure 74.
LQFP128 - 14 x 14 mm, low-profile quad flat package top view example . . . . . . . . . . . . 225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com