Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 95 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 91Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 92Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 93Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 94Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 95Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 96Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 97Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 98Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 232 page
background image
Table 24. Current consumption in Run and Low-power run modes,
code with data processing running from Flash in dual bank, ART disable
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON
above 48
MHz all
peripherals
disable
Range 2
26 MHz
3.35
3.5
4.1
4.95
6.45
3.70
4.20
6.20
8.10
12.00
mA
16 MHz
2.65
2.8
3.4
4.2
5.75
3.00
3.50
5.40
7.40
12.00
8 MHz
1.40
1.6
2.15
2.95
4.45
1.70
2.30
4.20
6.10
10.00
4 MHz
0.81
0.975
1.5
2.35
3.85
1.10
1.60
3.60
5.50
9.30
2 MHz
0.49
0.655
1.2
2
3.5
0.69
1.30
3.20
5.10
9.00
1 MHz
0.34
0.495
1.05
1.85
3.35
0.53
1.10
3.10
5.00
8.80
100 KHz
0.19
0.355 0.895
1.7
3.2
0.38
0.95
2.90
4.80
8.70
Range 1
Boost
mode
170 MHz
18.00
18
19
20
22
19.00
20.00
22.00
25.00
45.00
Range 1
150 MHz
16.00
16.5
17
18
20
17.00
18.00
20.00
22.00
27.00
120 MHz
14.50
15
15.5
16.5
18.5
16.00
16.00
18.00
21.00
26.00
80 MHz
12.00
12
13
14
15.5
13.00
13.00
16.00
18.00
23.00
72 MHz
10.50
11
11.5
12.5
14.5
12.00
12.00
15.00
17.00
22.00
64 MHz
9.45
9.7
10.5
11.5
13.5
9.90
11.00
13.00
16.00
21.00
48 MHz
7.25
7.55
8.25
9.3
11
7.50
8.20
11.00
14.00
18.00
32 MHz
6.15
6.4
7.1
8.15
10
6.60
7.30
9.80
13.00
18.00
24 MHz
4.70
4.95
5.65
6.65
8.5
5.10
5.80
8.30
11.00
16.00
16 MHz
3.20
3.45
4.15
5.15
6.95
3.60
4.40
6.80
9.30
15.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com