Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 200 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 196Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 197Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 198Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 199Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 200Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 201Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 202Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 203Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
200/232
DS12288 Rev 1
Figure 51. Quad SPI timing diagram - SDR mode
tw(CKH) Quad SPI clock high
and low time
Even division
PRESCALER [7:0]
n =0,1, 3, 5 ...
t(CK)/2
-
t(CK)/2+1
ns
tw(CKL)
t(CK)/2-1
-
t(CK)/2
tw(CKH) Quad SPI clock high and
low time
Odd division
PRESCALER [7:0]
n =2,4, 6, 8...
(n/2)*t(CK)/(n+1)
-
(n/2)*t(CK)/(n+1) + 1
tw(CKL)
(n/2+1)*t(CK)/(n+1) - 1
-
(n/2+1)*t(CK)/(n+1)
tsh(IN)
Data input setup time on
rising edge
1.71 < VDD< 3.6 V
1
-
-
tsl(IN)
Data input setup time on
falling edge
1.71 < VDD< 3.6 V
1
-
-
thh(IN)
Data input hold time on
rising edge
1.71 < VDD< 3.6 V
6
-
-
thl(IN)
Data input hold time on
falling edge
1.71 < VDD< 3.6 V
5
-
-
tvh(OUT)
Data output valid time on
rising edge
1.71 < VDD< 3.6 V
DHHC = 0
-
7.5
8
1.71 < VDD< 3.6 V
DHHC = 1
Thclk/2
+1
Thclk/2+1.5
tvf(OUT) Data output valid time
1.71 < VDD< 3.6 V
DHHC = 0
-
710
1.71 < VDD< 3.6 V
DHHC = 1
Thclk/2
+1
Thclk/2+2
thh(OUT)
Data output hold time on
rising edge
1.71 < VDD< 3.6 V
DHHC = 0
2-
-
1.71 < VDD< 3.6 V
DHHC = 1
Thclk/2+ 0.5
-
thf(OUT)
Data output hold time on
falling edge
1.71 < VDD< 3.6 V
DHHC = 0
3-
-
1.71 < VDD< 3.6 V
DHHC = 1
Thclk/2+0.5
-
1. Guaranteed by characterization results.
Table 109. QUADSPI characteristics in DDR mode(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com