Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCU6 Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza STM32H523VCU6
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCU6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H523VCU6 Datasheet HTML 12Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 13Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 14Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 15Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 16Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 17Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 18Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 19Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 228 page
background image
Description
STM32H523xx
16/228
DS14540 Rev 1
True random number generator
Yes
Public key accelerator (PKA)
ECDSA signature verification
HASH (SHA-512)
Yes
GPIOs
26
35
49
80
112
Wakeup pins
4
4
6
7
7
Number of I/Os down to 1.08 V
N/A
N/A
N/A
4
10
ADC
12-bit ADC
2
Number of
channels
10
16
20
DAC
12-bit DAC
controller
1
Number of
channels
2
Internal voltage reference buffer
No
Yes
Maximum CPU frequency
250 MHz
Operating voltage
1.71 to 3.6 V
Operating temperature
Ambient operating temperature:
– -40 to 85 °C / to -105 °C, up to 125 °C at low dissipation
Junction temperature:
– Voltage range VOS0 (up to 250 MHz): Tj from -40 to 105 °C
– Voltage range VOS1 (up to 200 MHz): Tj from -40 to 130 °C
Package
WLCSP39
UFQFPN48/
LQFP48
LQFP64
LQFP100/
UFBGA100
LQFP144/
UFBGA144
Table 2. STM32H523xx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com