Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCU6 Datasheet(PDF) 169 Page - STMicroelectronics

No. de pieza STM32H523VCU6
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCU6 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32H523VCU6 Datasheet HTML 165Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 166Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 167Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 168Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 169Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 170Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 171Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 172Page - STMicroelectronics STM32H523VCU6 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 228 page
background image
DS14540 Rev 1
169/228
STM32H523xx
Electrical characteristics
197
IDDA_D(ADC)
ADC
consumption
on
VDDA and
VREF,
Differential
mode
fs = 5 MSPS
-
600
-
µA
fs = 1 MSPS
-
190
-
fs = 0.1 MSPS
-
50
-
IDDA_SE(ADC)
ADC
consumption
on VDDA and
VREF Single-
ended mode
fs = 5 MSPS
-
500
-
fs = 1 MSPS
-
150
-
fs = 0.1 MSPS
-
50
-
IDD(ADC)
ADC
consumption
on VDD
fADC= 75 MHz
-
265
-
fADC= 50 MHz
175
-
fADC= 25 MHz
-
90
-
fADC= 12.5 MHz
-
45
-
fADC= 6.25 MHz
-
22
-
fADC= 3.125 MHz
-
11
-
1. Specified by design - Not tested in production.
2. The voltage booster on ADC switches must be used for VDDA < 2.7 V (embedded I/O switches).
3. These values are valid on UFBGA144 package.
4. Depending on the package, VREF+ can be internally connected to VDDA and VREF- to VSSA.
5. The tolerance is two LSBs for 12-bit, 10-bit and 8-bit resolutions, otherwise specified.
Table 89. 12-bit ADC characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 90. Minimum sampling time versus RAIN(1)(2)
Resolution
RAIN (Ω)
Minimum sampling time (s)
Fast channel
Slow channel(3)
12 bits
47
3.75E-08
6.12E-08
68
3.94E-08
6.25E-08
100
4.36E-08
6.51E-08
150
5.11E-08
7.00E-08
220
6.54E-08
7.86E-08
330
8.80E-08
9.57E-08
470
1.17E-07
1.23E-07
680
1.60E-07
1.65E-07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com