Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADS1602IPFBT Datasheet(PDF) 14 Page - Texas Instruments

No. de pieza ADS1602IPFBT
Descripción Electrónicos  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1602IPFBT Datasheet HTML 10Page - Texas Instruments ADS1602IPFBT Datasheet HTML 11Page - Texas Instruments ADS1602IPFBT Datasheet HTML 12Page - Texas Instruments ADS1602IPFBT Datasheet HTML 13Page - Texas Instruments ADS1602IPFBT Datasheet HTML 14Page - Texas Instruments ADS1602IPFBT Datasheet HTML 15Page - Texas Instruments ADS1602IPFBT Datasheet HTML 16Page - Texas Instruments ADS1602IPFBT Datasheet HTML 17Page - Texas Instruments ADS1602IPFBT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
140
120
100
80
60
40
20
0
0
5
10
15
20
25
30
35
40
ClockFrequency,f
(MHz)
CLK
I
(
=low)
AVDD REFEN
I
(
=high)
AVDD REFEN
I
+I
IOVDD
DVDD
V
= 6dBFS
-
IN
BIAS
f
=10kHz
R
=37k
IN
W
130
110
90
70
50
30
10
0
50
100
150
200
250
300
R
(k )
W
BIAS
I
AVDD (
=low)
REFEN
I
AVDD (
=high)
REFEN
V
= 6dBFS
f
-
IN
IN
CLK
=10kHz
f
=40MHz
100
95
90
85
80
75
70
-40
-15
10
35
60
85
Temperature(°C)
V
= 1dB
-
IN
V
= 6dB
-
IN
V
= 10dB
-
IN
f
=100kHz
IN
-40
-15
10
35
60
85
Temperature(°C)
V
= 1dB
-
IN
V
= 6dB
-
IN
-80
-85
-90
-95
-100
-105
V
= 10dB
-
IN
-40
-15
10
35
60
85
Temperature(°C)
V
IN = -1dB
120
115
110
105
100
95
90
85
80
V
IN = -10dB
V
IN = -6dB
ADS1602
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V, and
RBIAS = 37kΩ, unless otherwise noted.
SUPPLY CURRENT vs CLOCK FREQUENCY
ANALOG SUPPLY CURRENT vs RBIAS
Figure 33.
Figure 34.
SNR vs TEMPERATURE
THD vs TEMPERATURE
Figure 35.
Figure 36.
SFDR vs TEMPERATURE
Figure 37.
14
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com