Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADS1602IPFBT Datasheet(PDF) 18 Page - Texas Instruments

No. de pieza ADS1602IPFBT
Descripción Electrónicos  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS1602IPFBT Datasheet HTML 14Page - Texas Instruments ADS1602IPFBT Datasheet HTML 15Page - Texas Instruments ADS1602IPFBT Datasheet HTML 16Page - Texas Instruments ADS1602IPFBT Datasheet HTML 17Page - Texas Instruments ADS1602IPFBT Datasheet HTML 18Page - Texas Instruments ADS1602IPFBT Datasheet HTML 19Page - Texas Instruments ADS1602IPFBT Datasheet HTML 20Page - Texas Instruments ADS1602IPFBT Datasheet HTML 21Page - Texas Instruments ADS1602IPFBT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
10 F
m
0.1 F
m
0.1 F
m
10 F
m
0.1 F
m
10 F
m
0.1 F
m
0.1 F
m
VREFP
VREFP
VMID
VCAP
VREFN
VREFN
392W
OPA2822
ADS1602
0.001 F
m
4V
392W
OPA2822
0.001 F
m
1V
392W
OPA2822
0.001 F
m
2.5V
AGND
+V
2
1
REF
-
15
-V
2
1
REF
-
15
- REF
V
2
2
1
-
15
15
(
)
£ - REF
V
2
2
1
-
15
15
(
)
ADS1602
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
Table 1. Maximum Allowable Clock Source Jitter
for Different Input Signal Frequencies and
Amplitude
INPUT SIGNAL
MAXIMUM
MAXIMUM
MAXIMUM ALLOWABLE
FREQUENCY
AMPLITUDE
CLOCK SOURCE JITTER
1MHz
–2dB
3.8ps
1MHz
–20dB
28ps
500kHz
–2dB
7.6ps
500kHz
–20dB
57ps
100kHz
–2dB
38ps
100kHz
–20dB
285ps
DATA FORMAT
The
16-bit
output
data
are
in
binary
two
’s
complement format as shown in Table 2. When the
input is positive out-of-range, exceeding the positive
full-scale value of VREF, the output clips to all 7FFFh
and the OTR output goes high.
Likewise, when the input is negative out-of-range by
going below the negative full-scale value of
–VREF,
the output clips to 8000h and the OTR output goes
high. The OTR remains high while the input signal is
Figure 45. Recommended Buffer Circuit When
out-of-range.
Using an External Reference
Table 2. Output Code versus Input Signal
INPUT SIGNAL (INP
–
IDEAL OUTPUT
CLOCK INPUT (CLK)
INN)
CODE(1)
OTR
The ADS1602 requires an external clock signal to be
≥ +VREF (> 0dB)
7FFFh
1
applied to the CLK input pin. The sampling of the
–VREF (0dB)
7FFFh
0
modulator is controlled by this clock signal. As with
any high-speed data converter, a high quality clock is
0001h
0
essential for optimum performance. Crystal clock
oscillators are the recommended CLK source; other
0
0000h
0
sources, such as frequency synthesizers, are usually
inadequate. Make sure to avoid excess ringing on the
FFFFh
0
CLK input; keeping the trace as short as possible
helps.
8000h
0
Measuring high-frequency, large amplitude signals
requires tight control of clock jitter. The uncertainty
during sampling of the input from clock jitter limits the
8000h
1
maximum achievable SNR. This effect becomes more
pronounced
with
higher
frequency
and
larger
magnitude
inputs.
Fortunately,
the
ADS1602
(1) Excludes effects of noise, INL, offset, and gain errors.
oversampling topology reduces clock jitter sensitivity
over that of Nyquist rate converters such as pipeline
OUT-OF-RANGE INDICATION (OTR)
and successive approximation converters by a factor
If the output code exceeds the positive or negative
of
√16.
full-scale, the out-of-range digital output OTR will go
In order to not limit the ADS1602 SNR performance,
high on the falling edge of SCLK. When the output
keep the jitter on the clock source below the values
code returns within the full-scale range, OTR returns
shown in Table 1. When measuring lower frequency
low on the falling edge of SCLK.
and lower amplitude inputs, more CLK jitter can be
tolerated. In determining the allowable clock source
jitter, select the worst-case input (highest frequency,
largest amplitude) that will be seen in the application.
18
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com