Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADS1602IPFBT Datasheet(PDF) 20 Page - Texas Instruments

No. de pieza ADS1602IPFBT
Descripción Electrónicos  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1602IPFBT Datasheet HTML 16Page - Texas Instruments ADS1602IPFBT Datasheet HTML 17Page - Texas Instruments ADS1602IPFBT Datasheet HTML 18Page - Texas Instruments ADS1602IPFBT Datasheet HTML 19Page - Texas Instruments ADS1602IPFBT Datasheet HTML 20Page - Texas Instruments ADS1602IPFBT Datasheet HTML 21Page - Texas Instruments ADS1602IPFBT Datasheet HTML 22Page - Texas Instruments ADS1602IPFBT Datasheet HTML 23Page - Texas Instruments ADS1602IPFBT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
0.001
0.0008
0.0006
0.0004
0.0002
0
-0.0002
-0.0004
-0.0006
-0.0008
-0.001
0
200
400
600
Frequency(kHz)
800
1000
1200
f
=40MHz
CLK
20
0
-20
-40
-60
-80
-100
-120
-140
0
20
40
60
80
100
Frequency(MHz)
120
f
=40MHz
CLK
0.5
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
800
900
1000
1100
1200
Frequency(kHz)
1300
f
=40MHz
CLK
R
BIAS
RBIAS
AGND
ADS1602
ADS1602
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
Figure 49. Passband Ripple
Figure 51. Frequency Response Out to 120MHz
ANALOG POWER DISSIPATION
An external resistor connected between the RBIAS
pin and the analog ground sets the analog current
level, as shown in Figure 52. The current is inversely
proportional to the resistor value. Table 3 shows the
recommended values of RBIAS for different CLK
frequencies. Notice that the analog current can be
reduced when using a slower frequency CLK input
because the modulator has more time to settle. Avoid
adding any capacitance in parallel to RBIAS because
this interferes with the internal circuitry used to set
the biasing. Please note that changing the RBIAS
resistor value changes all internally-generated bias
voltages, including the internal reference; therefore,
the recommendations in Table 3 are only for when
Figure 50. Passband Transition
using an external reference.
ANTIALIAS REQUIREMENTS
Higher
frequency,
out-of-band
signals
must
be
eliminated to prevent aliasing with ADCs. Fortunately,
the ADS1602 on-chip digital filter greatly simplifies
this filtering requirement. Figure 51 shows the
ADS1602 response out to 120MHz (fCLK = 40MHz).
Since the stop band extends out to 38.6MHz, the
antialias filter in front of the ADS1602 only needs to
Figure 52. External Resistor Used to Set Analog
be designed to remove higher frequency signals than
Power Dissipation
this, which can usually be accomplished with a simple
RC circuit on the input driver.
Table 3. Recommended RBIAS Resistor Values for
Different CLK Frequencies
TYPICAL POWER
DATA
DISSIPATION
fCLK
RATE
RBIAS
WITH REFEN HIGH
16MHz
1MSPS
140k
Ω
200mW
24MHz
1.5MSPS
100k
Ω
270mW
32MHz
2MSPS
60k
Ω
390mW
40MHz
2.5MSPS
37k
Ω
530mW
20
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com