Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073MBI3 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STM32U073MBI3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBI3 Datasheet(HTML) 3 Page - STMicroelectronics

  STM32U073MBI3 Datasheet HTML 1Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 2Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 3Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 4Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 5Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 6Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 7Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 8Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 146 page
background image
1
Introduction
This document provides information on STM32U073x8/B/C devices, such as description, functional overview, pin
assignment and definition, electrical characteristics, packaging and ordering information.
It must be read in conjunction with the STM32U073x8/B/C reference manual (RM0503).
For information on the device errata with respect to the datasheet and reference manual, refer to the
STM32U073x8/B/C errata sheet (ES0602).
For information on the Arm® Cortex®-M0+ core, refer to the Cortex-M0+ Technical Reference Manual, available
from the www.arm.com website.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
STM32U073x8/B/C
Introduction
DS14548 - Rev 2
page 3/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More