Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073MBI3 Datasheet(PDF) 37 Page - STMicroelectronics

No. de pieza STM32U073MBI3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBI3 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32U073MBI3 Datasheet HTML 33Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 34Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 35Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 36Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 37Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 38Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 39Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 40Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 146 page
background image
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/
SYS_AF/
TIM1/2
I2C4/
LPTIM1/3/
TIM1/2/3
I2C2/4/
SYS_AF/
USART2
I2C1/2/3/4/
LPTIM3
I2C2/SPI1/2
COMP1/
LPUART3/
SPI2/3
USART1/2/3
LPUART1/2/3/
USART4
TSC
CRS/
LPUART2/U
SB
LCD
COMP1/2/LC
D
-
LPTIM1/2/3/
TIM2/15/16
EVENTOUT
Port
A
PA1
-
TIM2_CH2
LPTIM1_CH2
-
-
SPI1_SCK
SPI2_SCK
USART2_RTS/
USART2_DE
USART4_RX
-
-
LCD_SEG0
-
-
TIM15_CH1N
EVENTOUT
PA2
-
TIM2_CH3
-
-
-
-
-
USART2_TX
LPUART1_TX
-
-
LCD_SEG1
COMP2_OUT
-
TIM15_CH1
EVENTOUT
PA3
-
TIM2_CH4
-
-
-
-
-
USART2_RX
LPUART1_RX
-
-
LCD_SEG2
-
-
TIM15_CH2
EVENTOUT
PA4
-
-
-
-
-
SPI1_NSS
SPI3_NSS
USART2_CK
LPUART3_TX
-
-
LCD_SEG43
-
-
LPTIM2_CH1
EVENTOUT
PA5
-
TIM2_CH1
TIM2_ETR
-
-
SPI1_SCK
-
USART3_TX
LPUART3_RX
-
-
LCD_SEG44
-
-
LPTIM2_ETR
EVENTOUT
PA6
-
TIM1_BKIN
TIM3_CH1
I2C2_SDA
I2C3_SDA
SPI1_MISO
COMP1_OUT
USART3_CTS
LPUART1_CTS
TSC_G5_IO1
-
LCD_SEG3
-
-
TIM16_CH1
EVENTOUT
PA7
-
TIM1_CH1N
TIM3_CH2
I2C2_SCL
I2C3_SCL
SPI1_MOSI
-
USART3_RX
-
-
-
LCD_SEG4
COMP2_OUT
-
LPTIM2_CH2
EVENTOUT
PA8
MCO
TIM1_CH1
-
MCO2
-
-
-
USART1_CK
-
TSC_G7_IO1
-
LCD_COM0
-
-
LPTIM2_CH1
EVENTOUT
PA9
MCO
TIM1_CH2
-
-
I2C1_SCL
I2C2_SCL
-
USART1_TX
-
TSC_G7_IO2
-
LCD_COM1
-
-
TIM15_BKIN
EVENTOUT
PA10
-
TIM1_CH3
-
MCO2
I2C1_SDA
I2C2_SDA
SPI2_NSS
USART1_RX
-
TSC_G7_IO3
CRS_SYNC
LCD_COM2
-
-
-
EVENTOUT
PA11
-
TIM1_CH4
TIM1_BKIN2
-
-
SPI1_MISO
SPI2_MISO
USART1_CTS
-
-
-
-
COMP1_OUT
-
-
EVENTOUT
PA12
-
TIM1_ETR
-
-
-
SPI1_MOSI
SPI2_MOSI
USART1_RTS/
USART1_DE
-
-
-
-
-
-
-
EVENTOUT
PA13
SWDIO
IR_OUT
-
-
-
-
-
-
-
TSC_G7_IO4
USB_NOE
LCD_SEG40
-
-
-
EVENTOUT
PA14
SWCLK
LPTIM1_CH1
-
-
-
-
-
-
-
TSC_G3_IO4
-
LCD_SEG41
-
-
-
EVENTOUT
PA15
-
TIM2_CH1
TIM2_ETR
USART2_RX
LPTIM3_IN2
SPI1_NSS
SPI3_NSS
USART3_RTS/
USART3_DE
USART4_RTS/
USART4_DE
TSC_G3_IO1
-
LCD_SEG17
-
-
LPTIM3_CH3
EVENTOUT
Table 14. Port B alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/
SYS_AF/
TIM1/2
I2C4/
LPTIM1/3/
TIM1/2/3
I2C2/4/
SYS_AF/
USART2
I2C1/2/3/4/
LPTIM3
I2C2/
SPI1/2
COMP1/
LPUART3/
SPI2/3
USART1/2/3
LPUART1/2/3/
USART4
TSC
CRS/
LPUART2/USB
LCD
COMP1/2/LC
D
-
LPTIM1/2/3/
TIM2/15/16
EVENTOUT
Port
B
PB0
-
TIM1_CH2N
TIM3_CH3
-
LPTIM3_CH1
SPI1_NSS
-
USART3_CK
LPUART2_CTS
TSC_G5_IO2
-
LCD_SEG5
COMP1_OUT
-
-
EVENTOUT
PB1
-
TIM1_CH3N
TIM3_CH4
-
LPTIM3_CH2
-
-
USART3_RTS/
USART3_DE
LPUART1_RTS_DE
TSC_SYNC
LPUART2_RTS_DE
LCD_SEG6
-
-
LPTIM2_IN1
EVENTOUT
PB2
RTC_OUT2
LPTIM1_CH1
-
-
-
-
-
-
-
-
-
LCD_VLCD
-
-
-
EVENTOUT
PB3
-
TIM2_CH2
LPTIM1_CH3
I2C2_SCL
I2C3_SCL
SPI1_SCK
SPI3_SCK
USART1_RTS/
USART1_DE
-
-
-
LCD_SEG7
-
-
EVENTOUT
PB4
-
LPTIM1_CH4
TIM3_CH1
I2C2_SDA
I2C3_SDA
SPI1_MISO
SPI3_MISO
USART1_CTS
LPUART3_RTS_DE
TSC_G2_IO1
-
LCD_SEG8
-
-
EVENTOUT
PB5
-
LPTIM1_IN1
TIM3_CH2
-
-
SPI1_MOSI
SPI3_MOSI
USART1_CK
LPUART3_CTS
TSC_G2_IO2
-
LCD_SEG9
COMP2_OUT
-
TIM16_BKIN
EVENTOUT
PB6
-
LPTIM1_ETR
-
I2C4_SCL
I2C1_SCL
I2C2_SCL
LPUART3_TX
USART1_TX
-
TSC_G2_IO3
LPUART2_TX
-
-
-
TIM16_CH1N
EVENTOUT
PB7
-
LPTIM1_IN2
-
I2C4_SDA
I2C1_SDA
I2C2_SDA
LPUART3_RX
USART1_RX
USART4_CTS
TSC_G2_IO4
LPUART2_RX
LCD_SEG21
-
-
-
EVENTOUT
PB8
-
LPTIM1_IN2
LPTIM3_IN2
I2C2_SCL
I2C1_SCL
-
-
USART3_TX
-
-
-
LCD_SEG16
-
-
TIM16_CH1
EVENTOUT
PB9
-
IR_OUT
LPTIM3_CH4
I2C2_SDA
I2C1_SDA
SPI2_NSS
-
USART3_RX
-
-
-
LCD_COM3
-
-
LPTIM1_CH4
EVENTOUT
PB10
-
TIM2_CH3
LPTIM3_CH1
I2C4_SCL
I2C2_SCL
SPI2_SCK
-
USART3_TX
LPUART1_RX
TSC_G5_IO3
LPUART2_RX
LCD_SEG10
COMP1_OUT
-
-
EVENTOUT
PB11
-
TIM2_CH4
-
I2C4_SDA
I2C2_SDA
-
-
USART3_RX
LPUART1_TX
TSC_G5_IO4
LPUART2_TX
LCD_SEG11
COMP2_OUT
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More